Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 25Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 26Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 27Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Maxim Integrated │ 29
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 7. Generic 80515 SFRs - Location and Reset Values (continued)
Table 8. Timers/Counters Mode Description
Interrupts
The 80515 provides 11 interrupt sources with four priority
levels. Each source has its own interrupt request flag(s)
located in a special function register (TCON, IRCON, and
SCON). Each interrupt requested by the corresponding
interrupt flag can be individually enabled or disabled by
the interrupt enable bits in the IEN0, IEN1, and IEN2.
Referring to Figure 12, interrupt sources can origi-
nate from within the 80515 MPU core (referred to as
Internal Sources) or can originate from other parts of the
71M654xT SoC (referred to as External Sources). There
are seven external interrupt sources, (EX0-EX6).
Interrupt Overview
When an interrupt occurs, the MPU vectors to the prede-
termined address. Once the interrupt service has begun,
it can be interrupted only by a higher priority interrupt. The
interrupt service is terminated by a return from interrupt
instruction (RETI). When a RETI instruction is executed,
the processor returns to the instruction that would have
been next when the interrupt occurred.
When the interrupt condition occurs, the processor also
indicates this by setting a flag bit. This bit is set regardless
of whether the interrupt is enabled or disabled. Each inter-
rupt flag is sampled once per machine cycle, and then
S1BUF
0x9C
0x00
Serial Port 1, Data Buffer
NAME
ADDRESS
RESET VALUE
DESCRIPTION
S1RELL
0x9D
0x00
Serial Port 1, Reload Register, low byte
P2
0xA0
0xFF
Port 2
IEN0
0xA8
0x00
Interrupt Enable Register 0
IP0
0xA9
0x00
Interrupt Priority Register 0
S0RELL
0xAA
0xD9
Serial Port 0, Reload Register, low byte
P3
0xB0
0xFF
Port 3
IEN1
0xB8
0x00
Interrupt Enable Register 1
IP1
0xB9
0x00
Interrupt Priority Register 1
S0RELH
0xBA
0x03
Serial Port 0, Reload Register, high byte
S1RELH
0xBB
0x03
Serial Port 1, Reload Register, high byte
PDATA
0xBF
0x00
High address byte for MOVX@Ri - also called USR2
IRCON
0xC0
0x00
Interrupt Request Control Register
T2CON
0xC8
0x00
Polarity for INT2 and INT3
PSW
0xD0
0x00
Program Status Word
WDCON
0xD8
0x00
Baud Rate Control Register (only WDCON[7] bit used)
A
0xE0
0x00
Accumulator
B
0xF0
0x00
B Register
M1
M0
MODE
FUNCTION
0
0
Mode 0
13-bit Counter/Timer mode with 5 lower bits in the TL0 or TL1 register and the remaining 8 bits
in the TH0 or TH1 register (for Timer 0 and Timer 1, respectively). The 3 high order bits of TL0
and TL1 are held at zero.
0
1
Mode 1
16-bit Counter/Timer mode.
1
0
Mode 2
8-bit auto-reload Counter/Timer. The reload value is kept in TH0 or TH1, while TL0 or TL1 is
incremented every machine cycle. When TLxoverflows,avaluefromTHx is copied to TLx.
1
1
Mode 3
If Timer 1 M1 and M0 bits are set to 1, Timer 1 stops.
If Timer 0 M1 and M0 bits are set to 1, Timer 0 acts as two independent 8-bit Timer/Counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com