Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 7Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 8Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 9Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 10Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 11Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 12Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 13Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 14Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Maxim Integrated │ 11
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Electrical Characteristics (continued)
(Limits are production tested at TA = +25ºC. Limits over the operating temperature range and relevant supply voltage range are guar-
anteed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
Differential or single-ended modes
-10
+10
mV
THD
250mV peak, 65Hz, 64k points, Blackman-Harris
window, FIR_LEN = 2, ADC_DIV = 1, PLL_FAST = 1,
MUX_DIV = 2
-93
dB
20mV peak, 65Hz, 64k points, Blackman-Harris
window, FIR_LEN = 2, ADC_DIV = 1, PLL_FAST = 1,
MUX_DIV = 2
-90
LSB Size
FIR_LEN = 2, ADC_DIV = 1, PLL_FAST = 1, MUX_
DIV = 2
151
nV
Digital Full Scale
FIR_LEN = 2, ADC_DIV = 1, PLL_FAST = 1, MUX_
DIV = 2
±2,097,152
LSB
PREAMPLIFIER
Differential Gain
7.88
7.98
8.08
V/V
Gain Variation vs. Temperature
TA = -40°C to +85°C (Note 1)
-30
-10
+15
ppm/°C
Gain Variation vs. V3P3
VV3P3 = 2.97V to 3.63V (Note 1)
-100
+100
ppm/%
Phase Shift
(Note 1)
+10
+22
m°
Preamp Input Current
3
6
9
µA
THD, Preamp + ADC
VIN = 30mV
-88
dB
VIN = 15mV
-88
Preamp Input Offset Voltage
IADC0 = IADC1 = VV3P3 + 30mV
-0.63
mV
IADC0 = IADC1 = VV3P3 + 15mV
-0.57
IADC0 = IADC1 = VV3P3
-0.56
IADC0 = IADC1 = VV3P3 - 15mV
-0.56
IADC0 = IADC1 = VV3P3 - 30mV
-0.55
Phase Shift Over Temperature
(Note 1)
-0.03
+0.03
m°/C
FLASH MEMORY
Endurance
20,000
Cycles
Data Retention
TA = +25°C
100
Years
Byte Writes Between Erase
Operations
2
Cycles
Write Time, per Byte
Per 2 bytes if using SPI
50
µs
Page Erase Time
22
ms
Mass Erase Time
22
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com