Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 1 Page - Maxim Integrated Products

  71M6545HT-IGT/F Datasheet HTML 1Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 2Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 3Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 4Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 5Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 6Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 7Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 8Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
71M6545T/71M6545HT
Energy Meter ICs
General Description
The 71M6545T/71M6545HT metrology processors are
based on Maxim Integrated’s 4th-generation metering
architecture supporting the 71M6xxx series of isolated
current sensing products that offer drastic reduction in
component count, immunity to magnetic tampering, and
unparalleled reliability. The 71M6545T/71M6545HT inte-
grate our Single Converter Technology® with a 22-bit
delta sigma ADC, a customizable 32-bit computation
engine (CE) for core metrology functions, as well as a
user-programmable 8051-compatible application proces-
sor (MPU) core with 64KB flash and 5KB RAM.
An external host processor can access metrology func-
tions directly through the SPI interface, or alternatively
through the embedded MPU core in applications requir-
ing metrology data capture, storage, and preprocessing
within the metrology subsystem. In addition, the devices
integrate an RTC, DIO, and UART. A complete array of
ICE and development tools, programming libraries, and
reference designs enable rapid development and certi-
fication of meters that meet all ANSI and IEC electricity
metering standards worldwide.
The 71M6545T/71M6545HT operate over the industrial tem-
perature range and come in a 64-pin lead(Pb)-free package.
Applications
● Three-PhaseResidential,Commercial,andIndustrial
Energy Meters
Benefits and Features
● SoCIntegrationandUniqueIsolationTechnique
Reduces BOM Cost Without Sacrificing Performance
• 0.1% Typical Accuracy Over 2000:1 Current
Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Four-Quadrant Metering
• 46-64Hz Line Frequency Range with the Same
Calibration
• Phase Compensation (±10º)
• Independent 32-Bit Compute Engine
• 64KB Flash, 5KB RAM
• Built-In Flash Security
• SPI Interface to Host with Flash Program
Capability
• Up to Four Pulse Outputs with Pulse Count
• 8-Bit MPU (80515), Up to 5 MIPS (Optional Use)
• Full-Speed MPU Clock in Brownout Mode
• Up to 29 Multifunction DIO Pins
• Hardware Watchdog Timer (WDT)
• UART for AMR or Other Communication Duties
• I2C/MICROWIRE® EEPROM Interface
● InnovativeIsolationTechnology(Requires
Companion 71M6xxx Sensor, also from Maxim
Integrated) Eliminates Current Transformers
• Four Current Sensor Inputs with Selectable
Differential Mode
• Selectable Gain of 1 or 8 for One Current Input to
Support Neutral Current Shunt
• High-Speed Wh/VARh Pulse Outputs with
Programmable Width
● DigitalTemperatureCompensationImprovesSystem
Performance
• Metrology Compensation
• Accurate RTC for TOU Functions with Automatic
Temperature Compensation for Crystal in All
Power Modes
● PowerManagementExtendsBatteryLifeDuring
Power Outages
• Two Battery-Backup Modes
- Brownout Mode (BRN)
- Sleep Mode (SLP)
• Wake-Up on Pin Events and Wake-On Timer
• 1µA in Sleep Mode
19-6721; Rev 5; 12/15
Ordering Information and Typical Operating Circuit appear
at end of data sheet.
Single Converter Technology is a registered trademark of
Maxim Integrated Products, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corp.
EVALUATION KIT AVAILABLE


Similar Part No. - 71M6545HT-IGT/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6545H MAXIM-71M6545H Datasheet
2Mb / 133P
Metrology Processors
2013
logo
Teridian Semiconductor ...
71M6545H TERIDIAN-71M6545H Datasheet
1Mb / 134P
Metrology Processors
Rev 1.0 4/11
More results

Similar Description - 71M6545HT-IGT/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
Energy Meter ICs
Rev 2; 11/11
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
Energy Meter ICs
2012
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
Energy Meter ICs
2015
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
Energy Meter ICs
2015
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
Energy Meter ICs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com