Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Maxim Integrated │ 32
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
In SLP mode, it is awakened at a regular rate set by
TEMP_PER[2:0].
The result of the temperature measurement can be read
from STEMP[15:0]. Typically, only eleven bits are signifi-
cant, the remaining high-order bits reflecting the sign of
the temperature relative to 0C.
Battery Monitor
The 71M654xT temperature measurement circuit can
also monitor the batteries at the VBAT and VBAT_RTC
pins. The battery to be tested (i.e., VBAT or VBAT_RTC
pin) is selected by TEMP_BSEL.
When TEMP_BAT is set, a battery measurement is
performed as part of each temperature measurement.
The value of the battery reading is stored in register
BSENSE[7:0]. The battery voltage can be calculated by
using the formula in the BATTERY MONITOR section of
the electrical characteristics table.
In MSN mode, a 100µA de-passivation load can be applied
to the selected battery (i.e., selected by the TEMP_BSEL
bit) by setting the BCURR bit. Battery impedance can
be measured by taking a battery measurement with and
without BCURR. Regardless of the BCURR bit setting,
the battery load is never applied in BRN, LCD, and SLP
modes.
Digital I/O
On reset or power-up, all DIO pins are DIO inputs until
they are configured as desired under MPU control.
DIO pins can be configured independently as an input or
output. The PB pin is a dedicated digital input and is not
part of the DIO system.
Some pins (DIO2 through DIO11 and PB) can be routed
to internal logic such as the interrupt controller or a timer
channel. This routing is independent of the direction of the
pin, so that outputs can be configured to cause an inter-
rupt or start a timer.
A total of 32 combined DIO pins is available for the
71M6545T/HT. These pins can be categorized as follows:
18 DIO pins:
• DIO4…DIO5 (2 pins)
• DIO9…DIO14 (6 pins)
• DIO19…DIO25 (7 pins)
• DIO28…DIO29 (2 pins)
• DIO55 (1 pin)
9 DIO pins shared with other functions:
• DIO0/WPULSE, DIO1/VPULSE (2 pins)
• DIO2/SDCK, DIO3/SDATA (2 pins)
• DIO6/XPULSE, DIO7/YPULSE (2 pins)
• DIO8/DI (1 pin)
• DIO26, DIO27 (2 pins)
9 dedicated pins are available:
• SPI interface pins: SPI_CSZ, SPI_DO, SPI_DI, SPI_
CKI (4 pins)
• ICE Inteface pins: E_RXTX, E_TCLK, E_RST (3 pins)
• Test Port pins: TMUX2OUT, TMUXOUT (2 pins)
EEPROM Interface
The 71M654xT provides hardware support for both two-
pin (I2C) and three-wire (MICROWIRE) EEPROMs.
Two-Pin EEPROM Interface
The two-pin serial interface is multiplexed onto the DIO2
(SDCK) and DIO3 (SDATA) pins. Configure the interface
for two-pin mode by setting DIO_EEX[1:0] = 01. The
MPU communicates with the interface through the SFR
registers EEDATA and EECTRL. To write a byte of data
to the EEPROM the MPU places the data in EEDATA and
then writes the Transmit code to EECTRL. This initiates
the transmit operation which is finished when the BUSY
bit falls. INT5 is also asserted when BUSY falls. The MPU
can then check the RX_ACK bit to see if the EEPROM
acknowledged the transmission.
A byte is read by writing the Receive command to
EECTRL and waiting for the BUSY bit to fall. Upon com-
pletion, the received data is in EEDATA. The serial trans-
mit and receive clock is 78kHz during each transmission,
and then holds in a high state until the next transmission.
The two-pin interface handles protocol details. The MPU
can command the interface to issue a start, a repeated
start and a stop condition, and it can manage the transmit-
ted ACK status as well.
Three-Wire EEPROM Interface
The three-wire interface supports standard MICROWIRE
(single data pin with clock and select pins) or a subset of
SPI (separate DI and DO pins with clock and select pins).
MICROWIRE is selected by setting DIO_EEX[1:0] = 10. In
this mode, EECTRL selects whether the interface is send-
ing or receiving, and eight bits of data are transferred in
each transaction. In this configuration, DIO2 is configured
for clock, and DIO3 is configured for data.
When separate DI/DO pins are selected (DIO_EEX[1:0]
= 11) the interface operates as a subset of SPI. Only SPI
modes 0 or 3 are supported. In this configuration, DIO3 is
DO and DIO8 is DI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com