Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 44Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 47Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 49Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 50Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Maxim Integrated │ 47
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 12. I/O RAM Locations in Numerical Order (continued)
Table 13. I/O RAM Locations in Alphabetical Order
NAME
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RTC13
289E
U
U
RTC_TMIN[5:0]
RTC14
289F
U
U
U
RTC_THR[4:0]
TEMP
28A0
TEMP_BSEL
TEMP_PWR
OSC_COMP
TEMP_BAT
TBYTE_BUSY
TEMP_PER[2:0]
WF1
28B0
WF_CSTART
WF_RST
WF_RSTBIT
WF_OVF
WF_ERST
WF_BADVDD
U
U
WF2
28B1
U
WF_TEMP
WF_TMR
WF_RX
WF_PB
WF_DIO4
U
WF_DIO55
MISC
28B2
SLEEP
U
WAKE_ARM
U
U
U
U
U
WAKE_E
28B3
U
EW_TEMP
U
EW_RX
EW_PB
EW_DIO4
U
EW_DIO55
WDRST
28B4
WD_RST
TEMP_START
U
U
U
U
U
U
MPU PORTS
P3
SFR B0
DIO_DIR[15:12]
DIO[15:12]
P2
SFR A0
DIO_DIR[11:8]
DIO[11:8]
P1
SFR 90
DIO_DIR[7:4]
DIO[7:4]
P0
SFR 80
DIO_DIR[3:0]
DIO[3:0]
FLASH
FLSH_ERASE SFR 94
FLSH_ERASE[7:0]
FLSH_CTL SFR B2
PREBOOT
SECURE
U
U
FLSH_PEND
FLSH_PSTWR
FLSH_MEEN
FLSH_PWE
FLSH_
PGADR
SFR B7
FLSH_PGADR[6:0]
U
I2C
EEDATA
SFR 9E
EEDATA[7:0]
EECTRL
SFR 9F
EECTRL[7:0]
NAME
LOCATION RST WK DIR
DESCRIPTION
ADC_E
2704[4]
0
0 R/W Enables ADC and VREF. When disabled, reduces bias current.
ADC_DIV
2200[5]
0
0 R/W
ADC_DIV controls the rate of the ADC and FIR clocks.
The ADC_DIV setting determines whether MCK is divided by 4 or 8:
0 = MCK/4
1 = MCK/8
The resulting ADC and FIR clock is as shown below.
PLL_FAST = 0
PLL_FAST = 1
MCK
6.291456MHz
19.660800MHz
ADC_DIV = 0
1.572864MHz
4.9152MHz
ADC_DIV = 1
0.786432MHz
2.4576MHz
BCURR
2704[3]
0
0 R/W Connects a 100µA load to the battery selected by TEMP_BSEL.
BSENSE[7:0]
2885[7:0]
–
–
R The result of the battery measurement.
CE_E
2106[0]
0
0 R/W CE enable.
CE_LCTN[5:0]
2109[5:0]
31 31 R/W CE program location. The starting address for the CE program is 1024 x CE_LCTN.
CHIP_ID[15:0]
2300[7:0]
2301[7:0]
0
0
0
0
R
R
Thesebytescontainthechipidentification.
CHIP_ID[15:0]:
71M6545T (11B4h)
71M6545HT (11BCh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com