Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Maxim Integrated │ 35
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
TMUX[5:0]
SIGNAL NAME
DESCRIPTION
1
RTCLK
32.768 kHz clock waveform
12
INT0 – DIG I/O
Interrupts
13
INT1 – DIG I/O
14
INT2 – CE_PULSE
15
INT3 – CE_BUSY
16
INT4 - VSTAT
17
INT5 – EEPROM/SPI
18
INT6 – XFER, RTC
1F
RTM_CK(flash)
Note: All TMUX2[4:0] values which are not shown are reserved.
Table 10. Test Ports (continued)
Functional Description
Theory of Operation
The energy delivered by a power source into a load can
be expressed as:
t
0
E
V(t)I(t)dt
= ∫
Assuming phase angles are constant, the following for-
mulae apply:
• P=RealEnergy[Wh]=VxAxcos(φ)xt
• Q=ReactiveEnergy[VARh]=VxAxsin(φ)xt
• S = Apparent Energy [VAh] =
22
PQ
+
For a practical meter, not only voltage and current ampli-
tudes, but also phase angles and harmonic content may
change constantly. Thus, simple RMS measurements are
inherently inaccurate. The 71M654xT, however, functions
by emulating the integral operation above by processing
current and voltage samples at a constant rate. As long
as the ADC resolution is high enough and the sample fre-
quency is beyond the harmonic range of interest, the cur-
rent and voltage samples, multiplied by the sample period
yield an accurate value for the instantaneous energy.
Summing the instantaneous energy quantities over time
provides accurate results for accumulated energy.
The application of 240V AC and 100A results in an accu-
mulation of 480Ws (= 0.133 Wh) over the 20ms period, as
indicated by the accumulated power curve. The described
sampling method works reliably, even in the presence of
dynamic phase shift and harmonic distortion.
Battery Modes
The 71M654xT can operate in one of three power modes:
mission (MSN), brownout (BRN), or sleep (SLP).
Shortly after system power (VV3P3SYS) is applied, the
part is in mission mode. MSN mode means that the part
is operating with system power and that the internal PLL
is stable. This mode is the normal operating mode where
the part is capable of measuring energy.
When system power is not available, the 71M654xT is in
one of three battery modes: BRN or SLP.
An internal comparator monitors the voltage at the
VV3P3A pin (note that VV3P3SYS and VV3P3A are typically
connected together at the PCB level). When the VV3P3A
DC voltage drops below 2.8 VDC, the comparator resets
an internal power status bit called V3OK. As soon as
system power is removed and V3OK = 0, the 71M654xT
switches to battery power (VBAT pin), notifies the MPU by
issuing an interrupt and updates the VSTAT[2:0] register.
The MPU continues to execute code when the system
transitions from MSN to BRN mode. Depending on the
MPU code, the MPU can choose to stay in BRN mode,
or transition to SLP mode. BRN mode is similar to MSN
mode except that resources powered by VV3P3A power,
such as the ADC are inaccurate. In BRN mode the CE
continues to run and should be turned off to conserve
VBAT power. Also, the PLL continues to function at the
same frequency as in MSN mode and its frequency
should be reduced to save power.
When system power is restored, the 71M654xT
automatically transitions from any of the battery modes
(BRN, LCD, SLP) back to MSN mode, switches back
to using system power (VV3P3SYS, VV3P3A), issues an
interrupt and updates VSTAT[1:0]. The MPU software
should restore MSN mode operation by issuing a soft
reset to restore system settings to values appropriate for
MSN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com