Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6488P/080PR Datasheet(PDF) 144 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 144 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 142Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 143Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 144Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 145Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 146Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 147Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 148Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 152 page
background image
SH79F6488/SH79F6489
144
13. Package Information
LQFP 64L (10 X 10) Outline Dimensions
unit: inch/mm
b
D
HD
1
16
48
33
17
32
49
64
See Detail F
L
L1
DETAIL F
e
θ
Symbol
Dimensions in inches
Dimensions in mm
Min
Max
Min
Max
A
---
0.063
---
1.6
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
D
0.388
0.400
9.85
10.15
E
0.388
0.400
9.85
10.15
HD
0.465
0.480
11.8
12.2
HE
0.465
0.480
11.8
12.2
b
0.007
0.011
0.17
0.27
e
0.016 BSC
0.50 BSC
c
0.004
0.008
0.09
0.20
L
0.018
0.030
0.45
0.75
L1
0.033
0.045
0.850
1.150
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com