| Electronic Components Datasheet Search |
|
SH79F6488P/080PR Datasheet(PDF) 16 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR Datasheet(HTML) 16 Page - SINOWEALTH Electronic Ltd |
|
16 / 152 page ![]() SH79F6488/SH79F6489 16 Table 6.7 Port SFRs Mnem Add Name POR/WDT/LVR /PIN Reset Value Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P0 80H (Bank0) 8-bit Port0 00000000 P0.7 P0.6 P0.5 P0.4 P0.3 P0.2 P0.1 P0.0 P1 90H (Bank0) 8-bit Port1 00000000 P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 P2 A0H (Bank0) 8-bit Port2 00000000 P2.7 P2.6 P2.5 P2.4 P2.3 P2.2 P2.1 P2.0 P3 B0H (Bank0) 8-bit Port3 00000000 P3.7 P3.6 P3.5 P3.4 P3.3 P3.2 P3.1 P3.0 P4 C0H (Bank0) 8-bit Port4 00000000 P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0 P5 80H (Bank1) 8-bit Port5 00000000 P5.7 P5.6 P5.5 P5.4 P5.3 P5.2 P5.1 P5.0 P6 90H (Bank1) 8-bit Port6 00000000 P6.7 P6.6 P6.5 P6.4 P6.3 P6.2 P6.1 P6.0 P7 A0H (Bank1) 8-bit Port7 00000000 P7.7 P7.6 P7.5 P7.4 P7.3 P7.2 P7.1 P7.0 P8 B0H (Bank1) 8-bit Port8 00000000 P8.7 P8.6 P8.5 P8.4 P8.3 P8.2 P8.1 P8.0 P0CR E1H (Bank0) Port0 input/output direction control 00000000 P0CR.7 P0CR.6 P0CR.5 P0CR.4 P0CR.3 P0CR.2 P0CR.1 P0CR.0 P1CR E2H (Bank0) Port1 input/output direction control 00000000 P1CR.7 P1CR.6 P1CR.5 P1CR.4 P1CR.3 P1CR.2 P1CR.1 P1CR.0 P2CR E3H (Bank0) Port2 input/output direction control 00000000 P2CR.7 P2CR.6 P2CR.5 P2CR.4 P2CR.3 P2CR.2 P2CR.1 P2CR.0 P3CR E4H (Bank0) Port3 input/output direction control 00000000 P3CR.7 P3CR.6 P3CR.5 P3CR.4 P3CR.3 P3CR.2 P3CR.1 P3CR.0 P4CR E5H (Bank0) Port4 input/output direction control 00000000 P4CR.7 P4CR.6 P4CR.5 P4CR.4 P4CR.3 P4CR.2 P4CR.1 P4CR.0 P5CR E1H (Bank1) Port5 input/output direction control 00000000 P5CR.7 P5CR.6 P5CR.5 P5CR.4 P5CR.3 P5CR.2 P5CR.1 P5CR.0 P6CR E2H (Bank1) Port6 input/output direction control 00000000 P6CR.7 P6CR.6 P6CR.5 P6CR.4 P6CR.3 P6CR.2 P6CR.1 P6CR.0 P7CR E3H (Bank1) Port7 input/output direction control 00000000 P7CR.7 P7CR.6 P7CR.5 P7CR.4 P7CR.3 P7CR.2 P7CR.1 P7CR.0 P8CR E4H (Bank1) Port8 input/output direction control 00000000 P8CR.7 P8CR.6 P8CR.5 P8CR.4 P8CR.3 P8CR.2 P8CR.1 P8CR.0 P0PCR E9H (Bank0) Internal pull-high enable for Port0 00000000 P0PCR.7 P0PCR.6 P0PCR.5 P0PCR.4 P0PCR.3 P0PCR.2 P0PCR.1 P0PCR.0 P1PCR EAH (Bank0) Internal pull-high enable for Port1 00000000 P1PCR.7 P1PCR.6 P1PCR.5 P1PCR.4 P1PCR.3 P1PCR.2 P1PCR.1 P1PCR.0 P2PCR EBH (Bank0) Internal pull-high enable for Port2 00000000 P2PCR.7 P2PCR.6 P2PCR.5 P2PCR.4 P2PCR.3 P2PCR.2 P2PCR.1 P2PCR.0 P3PCR ECH (Bank0) Internal pull-high enable for Port3 00000000 P3PCR.7 P3PCR.6 P3PCR.5 P3PCR.4 P3PCR.3 P3PCR.2 P3PCR.1 P3PCR.0 P4PCR EDH (Bank0) Internal pull-high enable for Port4 00000000 P4PCR.7 P4PCR.6 P4PCR.5 P4PCR.4 P4PCR.3 P4PCR.2 P4PCR.1 P4PCR.0 P5PCR E9H (Bank1) Internal pull-high enable for Port5 00000000 P5PCR.7 P5PCR.6 P5PCR.5 P5PCR.4 P5PCR.3 P5PCR.2 P5PCR.1 P5PCR.0 P6PCR EAH (Bank1) Internal pull-high enable for Port6 00000000 P6PCR.7 P6PCR.6 P6PCR.5 P6PCR.4 P6PCR.3 P6PCR.2 P6PCR.1 P6PCR.0 P7PCR EBH (Bank1) Internal pull-high enable for Por7 00000000 P7PCR.7 P7PCR.6 P7PCR.5 P7PCR.4 P7PCR.3 P7PCR.2 P7PCR.1 P7PCR.0 P8PCR ECH (Bank1) Internal pull-high enable for Port8 00000000 P8PCR.7 P8PCR.6 P8PCR.5 P8PCR.4 P8PCR.3 P8PCR.2 P8PCR.1 P8PCR.0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |