Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 52 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 48Page - STMicroelectronics M29W640FB Datasheet HTML 49Page - STMicroelectronics M29W640FB Datasheet HTML 50Page - STMicroelectronics M29W640FB Datasheet HTML 51Page - STMicroelectronics M29W640FB Datasheet HTML 52Page - STMicroelectronics M29W640FB Datasheet HTML 53Page - STMicroelectronics M29W640FB Datasheet HTML 54Page - STMicroelectronics M29W640FB Datasheet HTML 55Page - STMicroelectronics M29W640FB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
52/72
Table 21.
Bottom Boot Block Addresses, M29W640FB
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)
0
8/4
Protection Group
000000h-001FFFh(1)
000000h
–000FFFh(1)
1
8/4
002000h-003FFFh
001000h
–001FFFh
2
8/4
004000h-005FFFh
002000h
–002FFFh
3
8/4
006000h-007FFFh
003000h
–003FFFh
4
8/4
008000h-009FFFh
004000h
–004FFFh
5
8/4
00A000h-00BFFFh
005000h
–005FFFh
6
8/4
00C000h-00DFFFh
006000h
–006FFFh
7
8/4
00E000h-00FFFFh
007000h
–007FFFh
8
64/32
010000h-01FFFFh
008000h
–00FFFFh
9
64/32
020000h-02FFFFh
010000h
–017FFFh
10
64/32
030000h-03FFFFh
018000h
–01FFFFh
11
64/32
Protection Group
040000h-04FFFFh
020000h
–027FFFh
12
64/32
050000h-05FFFFh
028000h
–02FFFFh
13
64/32
060000h-06FFFFh
030000h
–037FFFh
14
64/32
070000h-07FFFFh
038000h
–03FFFFh
15
64/32
Protection Group
080000h-08FFFFh
040000h
–047FFFh
16
64/32
090000h-09FFFFh
048000h
–04FFFFh
17
64/32
0A0000h-0AFFFFh
050000h
–057FFFh
18
64/32
0B0000h-0BFFFFh
058000h
–05FFFFh
19
64/32
Protection Group
0C0000h-0CFFFFh
060000h
–067FFFh
20
64/32
0D0000h-0DFFFFh
068000h
–06FFFFh
21
64/32
0E0000h-0EFFFFh
070000h
–077FFFh
22
64/32
0F0000h-0FFFFFh
078000h
–07FFFFh
23
64/32
Protection Group
100000h-10FFFFh
080000h
–087FFFh
24
64/32
110000h-11FFFFh
088000h
–08FFFFh
25
64/32
120000h-12FFFFh
090000h
–097FFFh
26
64/32
130000h-13FFFFh
098000h
–09FFFFh
27
64/32
Protection Group
140000h-14FFFFh
0A0000h
–0A7FFFh
28
64/32
150000h-15FFFFh
0A8000h
–0AFFFFh
29
64/32
160000h-16FFFFh
0B0000h
–0B7FFFh
30
64/32
170000h-17FFFFh
0B8000h
–0BFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com