Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 1 Page - STMicroelectronics

  M29W640FB Datasheet HTML 1Page - STMicroelectronics M29W640FB Datasheet HTML 2Page - STMicroelectronics M29W640FB Datasheet HTML 3Page - STMicroelectronics M29W640FB Datasheet HTML 4Page - STMicroelectronics M29W640FB Datasheet HTML 5Page - STMicroelectronics M29W640FB Datasheet HTML 6Page - STMicroelectronics M29W640FB Datasheet HTML 7Page - STMicroelectronics M29W640FB Datasheet HTML 8Page - STMicroelectronics M29W640FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Rev3
December 2005
1/72
1
M29W640FT
M29W640FB
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block)
3V Supply Flash Memory
Features summary
Supply Voltage
– V
CC = 2.7V to 3.6V for Program, Erase,
Read
– V
PP =12 V for Fast Program (optional)
Asynchronous Random/Page Read
– Page Width: 4 Words
– Page Access: 25ns
– Random Access: 60ns, 70ns
Programming Time
– 10 µs per Byte/Word typical
– 4 Words/8 Bytes Program
135 memory blocks
– 1 Boot Block and 7 Parameter Blocks,
8 KBytes each (Top or Bottom Location)
– 127 Main Blocks, 64 KBytes each
Program/Erase Controller
– Embedded Byte/Word Program algorithms
Program/Erase Suspend and Resume
– Read from any Block during Program
Suspend
– Read and Program another Block during
Erase Suspend
Unlock Bypass Program command
– Faster Production/Batch Programming
VPP/WP pin for Fast Program and Write Protect
Temporary Block Unprotection mode
Common Flash Interface
– 64-bit Security Code
Extended Memory Block
– Extra block used as security block or to
store additional information
Low power consumption
– Standby and Automatic Standby
100,000 Program/Erase cycles per block
Figure 1.
Packages
Electronic Signature
– Manufacturer Code: 0020h
Table 1.
Device Codes
ECOPACK® packages
Root Part Number
Device Code
M29W640FT
22EDh
M29W640FB
22FDh
FBGA
TSOP48 (N)
12 x 20mm
TFBGA48 (ZA)
6x8mm
www.st.com


Similar Part No. - M29W640FB

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W640FB NUMONYX-M29W640FB Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FB60N6E NUMONYX-M29W640FB60N6E Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FB60N6F NUMONYX-M29W640FB60N6F Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FB60ZA6E NUMONYX-M29W640FB60ZA6E Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FB60ZA6F NUMONYX-M29W640FB60ZA6F Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W640FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
10-Dec-2004
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com