Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 55 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 51Page - STMicroelectronics M29W640FB Datasheet HTML 52Page - STMicroelectronics M29W640FB Datasheet HTML 53Page - STMicroelectronics M29W640FB Datasheet HTML 54Page - STMicroelectronics M29W640FB Datasheet HTML 55Page - STMicroelectronics M29W640FB Datasheet HTML 56Page - STMicroelectronics M29W640FB Datasheet HTML 57Page - STMicroelectronics M29W640FB Datasheet HTML 58Page - STMicroelectronics M29W640FB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
55/72
95
64/32
Protection Group
580000h-58FFFFh
2C0000h
–2C7FFFh
96
64/32
590000h-59FFFFh
2C8000h
–2CFFFFh
97
64/32
5A0000h-5AFFFFh
2D0000h
–2D7FFFh
98
64/32
5B0000h-5BFFFFh
2D8000h
–2DFFFFh
99
64/32
Protection Group
5C0000h-5CFFFFh
2E0000h
–2E7FFFh
100
64/32
5D0000h-5DFFFFh
2E8000h
–2EFFFFh
101
64/32
5E0000h-5EFFFFh
2F0000h
–2F7FFFh
102
64/32
5F0000h-5FFFFFh
2F8000h
–2FFFFFh
103
64/32
Protection Group
600000h-60FFFFh
300000h
–307FFFh
104
64/32
610000h-61FFFFh
308000h
–30FFFFh
105
64/32
620000h-62FFFFh
310000h
–317FFFh
106
64/32
630000h-63FFFFh
318000h
–31FFFFh
107
64/32
Protection Group
640000h-64FFFFh
320000h
–327FFFh
108
64/32
650000h-65FFFFh
328000h
–32FFFFh
109
64/32
660000h-66FFFFh
330000h
–337FFFh
110
64/32
670000h-67FFFFh
338000h
–33FFFFh
111
64/32
Protection Group
680000h-68FFFFh
340000h
–347FFFh
112
64/32
690000h-69FFFFh
348000h
–34FFFFh
113
64/32
6A0000h-6AFFFFh
350000h
–357FFFh
114
64/32
6B0000h-6BFFFFh
358000h
–35FFFFh
115
64/32
Protection Group
6C0000h-6CFFFFh
360000h
–367FFFh
116
64/32
6D0000h-6DFFFFh
368000h
–36FFFFh
117
64/32
6E0000h-6EFFFFh
370000h
–377FFFh
118
64/32
6F0000h-6FFFFFh
378000h
–37FFFFh
119
64/32
Protection Group
700000h-70FFFFh
380000h
–387FFFh
120
64/32
710000h-71FFFFh
388000h
–38FFFFh
121
64/32
720000h-72FFFFh
390000h
–397FFFh
122
64/32
730000h-73FFFFh
398000h
–39FFFFh
123
64/32
Protection Group
740000h-74FFFFh
3A0000h
–3A7FFFh
124
64/32
750000h-75FFFFh
3A8000h
–3AFFFFh
125
64/32
760000h-76FFFFh
3B0000h
–3B7FFFh
126
64/32
770000h-77FFFFh
3B8000h
–3BFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com