Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 14Page - STMicroelectronics M29W640FB Datasheet HTML 15Page - STMicroelectronics M29W640FB Datasheet HTML 16Page - STMicroelectronics M29W640FB Datasheet HTML 17Page - STMicroelectronics M29W640FB Datasheet HTML 18Page - STMicroelectronics M29W640FB Datasheet HTML 19Page - STMicroelectronics M29W640FB Datasheet HTML 20Page - STMicroelectronics M29W640FB Datasheet HTML 21Page - STMicroelectronics M29W640FB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
3 Bus operations
M29W640FT, M29W640FB
18/72
Table 4.
Bus Operations, BYTE = VIH
1.
X = VIL or VIH.
OperationE
G
W
Address Inputs
A0-A21
Data Inputs/Outputs
DQ15A
–1, DQ14-DQ0
Bus Read
VIL
VIL
VIH
Cell Address
Data Output
Bus Write
VIL
VIH
VIL
Command Address
Data Input
Output DisableX
VIH
VIH
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Read Manufacturer
Code
VIL
VIL
VIH
A0-A3 = VIL, A6 = VIL,
A9 = VID, Others VIL or VIH
0020h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1-A3= VIL, A6 = VIL,
A9 = VID, Others VIL or VIH
22EDh (M29W640FT)
22FDh (M29W640FB)
Read Extended
Memory Block Verify
Code
VIL
VIL
VIH
A0 -A1 = VIH, A2-A3= VIL,
A6 = VIL, A9 = VID,
Others VIL or VIH
80h (factory locked)
00h (Customer Lockable)
Read Block
Protection Status
VIL
VIL
VIH
A0,A2,A3, A6= VIL,
A1 = VIH, A9 = VID,
A12-A21 = Block Address,
Others VIL or VIH
0001h (protected)
0000h (unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com