Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 54 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 50Page - STMicroelectronics M29W640FB Datasheet HTML 51Page - STMicroelectronics M29W640FB Datasheet HTML 52Page - STMicroelectronics M29W640FB Datasheet HTML 53Page - STMicroelectronics M29W640FB Datasheet HTML 54Page - STMicroelectronics M29W640FB Datasheet HTML 55Page - STMicroelectronics M29W640FB Datasheet HTML 56Page - STMicroelectronics M29W640FB Datasheet HTML 57Page - STMicroelectronics M29W640FB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
54/72
63
64/32
Protection Group
380000h-38FFFFh
1C0000h
–1C7FFFh
64
64/32
390000h-39FFFFh
1C8000h
–1CFFFFh
65
64/32
3A0000h-3AFFFFh
1D0000h
–1D7FFFh
66
64/32
3B0000h-3BFFFFh
1D8000h
–1DFFFFh
67
64/32
Protection Group
3C0000h-3CFFFFh
1E0000h
–1E7FFFh
68
64/32
3D0000h-3DFFFFh
1E8000h
–1EFFFFh
69
64/32
3E0000h-3EFFFFh
1F0000h
–1F7FFFh
70
64/32
3F0000h-3FFFFFh
1F8000h
–1FFFFFh
71
64/32
Protection Group
400000h-40FFFFh
200000h
–207FFFh
72
64/32
410000h-41FFFFh
208000h
–20FFFFh
73
64/32
420000h-42FFFFh
210000h
–217FFFh
74
64/32
430000h-43FFFFh
218000h
–21FFFFh
75
64/32
Protection Group
440000h-44FFFFh
220000h
–227FFFh
76
64/32
450000h-45FFFFh
228000h
–22FFFFh
77
64/32
460000h-46FFFFh
230000h
–237FFFh
78
64/32
470000h-47FFFFh
238000h
–23FFFFh
79
64/32
Protection Group
480000h-48FFFFh
240000h
–247FFFh
80
64/32
490000h-49FFFFh
248000h
–24FFFFh
81
64/32
4A0000h-4AFFFFh
250000h
–257FFFh
82
64/32
4B0000h-4BFFFFh
258000h
–25FFFFh
83
64/32
Protection Group
4C0000h-4CFFFFh
260000h
–267FFFh
84
64/32
4D0000h-4DFFFFh
268000h
–26FFFFh
85
64/32
4E0000h-4EFFFFh
270000h
–277FFFh
86
64/32
4F0000h-4FFFFFh
278000h
–27FFFFh
87
64/32
Protection Group
500000h-50FFFFh
280000h
–287FFFh
88
64/32
510000h-51FFFFh
288000h
–28FFFFh
89
64/32
520000h-52FFFFh
290000h
–297FFFh
90
64/32
530000h-53FFFFh
298000h
–29FFFFh
91
64/32
Protection Group
540000h-54FFFFh
2A0000h
–2A7FFFh
92
64/32
550000h-55FFFFh
2A8000h
–2AFFFFh
93
64/32
560000h-56FFFFh
2B0000h
–2B7FFFh
94
64/32
570000h-57FFFFh
2B8000h
–2BFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com