Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 22 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 18Page - STMicroelectronics M29W640FB Datasheet HTML 19Page - STMicroelectronics M29W640FB Datasheet HTML 20Page - STMicroelectronics M29W640FB Datasheet HTML 21Page - STMicroelectronics M29W640FB Datasheet HTML 22Page - STMicroelectronics M29W640FB Datasheet HTML 23Page - STMicroelectronics M29W640FB Datasheet HTML 24Page - STMicroelectronics M29W640FB Datasheet HTML 25Page - STMicroelectronics M29W640FB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
4 Command Interface
M29W640FT, M29W640FB
22/72
or Program Suspend. If a read is needed from the Extended Block area (One-time Program
area), the user must use the proper command sequences to enter and exit this region.
The system may also issue the Auto Select command sequence when the device is in the
Program Suspend mode. The system can read as many Auto Select codes as required. When
the device exits the Auto Select mode, the device reverts to the Program Suspend mode, and is
ready for another valid operation. See Auto Select command sequence for more information.
4.1.9
Program Resume command
After the Program Resume command is issued, the device reverts to programming. The
controller can determine the status of the program operation using the DQ7 or DQ6 status bits,
just as in the standard program operation. See Write Operation Status for more information.
The system must write the Program Resume command, to exit the Program Suspend mode
and to continue the programming operation.
Further issuing of the Resume command is ignored. Another Program Suspend command can
be written after the device has resumed programming.
4.1.10 Program command
The Program command can be used to program a value to one address in the memory array at
a time. The command requires four Bus Write operations, the final write operation latches the
address and data, and starts the Program/Erase Controller.
Programming can be suspended and then resumed by issuing a Program Suspend command
and a Program Resume command, respectively (see Section 4.1.8: Program Suspend
command and Section 4.1.9: Program Resume command).
If the address falls in a protected block then the Program command is ignored, the data remains
unchanged. The Status Register is never read and no error condition is given.
During the program operation the memory will ignore all commands. It is not possible to issue
any command to abort or pause the operation. Typical program times are given in Table 7:
Program, Erase Times and Program, Erase Endurance Cycles. Bus Read operations during
the program operation will output the Status Register on the Data Inputs/Outputs. See the
section on the Status Register for more details.
After the program operation has completed the memory will return to the Read mode, unless an
error has occurred. When an error occurs the memory will continue to output the Status
Register. A Read/Reset command must be issued to reset the error condition and return to
Read mode.
Note that the Program command cannot change a bit set at
’0’ back to ’1’. One of the Erase
Commands must be used to set all the bits in a block or in the whole memory from
’0’ to ’1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com