Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 28Page - STMicroelectronics M29W640FB Datasheet HTML 29Page - STMicroelectronics M29W640FB Datasheet HTML 30Page - STMicroelectronics M29W640FB Datasheet HTML 31Page - STMicroelectronics M29W640FB Datasheet HTML 32Page - STMicroelectronics M29W640FB Datasheet HTML 33Page - STMicroelectronics M29W640FB Datasheet HTML 34Page - STMicroelectronics M29W640FB Datasheet HTML 35Page - STMicroelectronics M29W640FB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
5 Status Register
M29W640FT, M29W640FB
32/72
Table 8.
Status Register Bits
1.
Unspecified data bits should be ignored.
Figure 4.
Data Polling Flowchart
Operation
Address
DQ7
DQ6
DQ5
DQ3
DQ2
RB
Program
Any Address
DQ7
Toggle0
––
0
Program During Erase
Suspend
Any Address
DQ7
Toggle0
––
0
Program Error
Any Address
DQ7
Toggle1
––
Hi-Z
Chip Erase
Any Address
0
Toggle
0
1
Toggle
Hi-Z
Block Erase before
timeout
Erasing Block
0
Toggle
0
0
Toggle0
Non-Erasing Block
0
Toggle
0
0
No Toggle0
Block Erase
Erasing Block
0
Toggle
0
1
Toggle
Hi-Z
Non-Erasing Block
0
Toggle
0
1
No Toggle0
Erase Suspend
Erasing Block
1
No Toggle0
–
Toggle
Hi-Z
Non-Erasing Block
Data read as normal
Hi-Z
Erase Error
Good Block Address
0
Toggle
1
1
No Toggle0
Faulty Block Address
0
Toggle
1
1
Toggle0
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
at VALID ADDRESS
FAIL
PASS
AI90194
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com