Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 45 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 41Page - STMicroelectronics M29W640FB Datasheet HTML 42Page - STMicroelectronics M29W640FB Datasheet HTML 43Page - STMicroelectronics M29W640FB Datasheet HTML 44Page - STMicroelectronics M29W640FB Datasheet HTML 45Page - STMicroelectronics M29W640FB Datasheet HTML 46Page - STMicroelectronics M29W640FB Datasheet HTML 47Page - STMicroelectronics M29W640FB Datasheet HTML 48Page - STMicroelectronics M29W640FB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
M29W640FT, M29W640FB
8 Package mechanical
45/72
Figure 15. TFBGA48 6x8mm - 6x8 active ball array, 0.8mm pitch, Package Outline
1.
Drawing is not to scale.
Table 18.
TFBGA48 6x8mm - 6x8 active ball array, 0.8mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.260
0.0102
A2
0.900
0.0354
b
0.350
0.450
0.0138
0.0177
D
6.000
5.900
6.100
0.2362
0.2323
0.2402
D1
4.000
––
0.1575
––
ddd
0.100
0.0039
E
8.000
7.900
8.100
0.3150
0.3110
0.3189
E1
5.600
––
0.2205
––
e
0.800
––
0.0315
––
FD
1.000
––
0.0394
––
FE
1.200
––
0.0472
––
SD
0.400
––
0.0157
––
SE
0.400
––
0.0157
––
E1
E
D1
D
eb
A2
A1
A
BGA-Z32
ddd
FD
FE
SD
SE
e
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com