Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 63 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 59Page - STMicroelectronics M29W640FB Datasheet HTML 60Page - STMicroelectronics M29W640FB Datasheet HTML 61Page - STMicroelectronics M29W640FB Datasheet HTML 62Page - STMicroelectronics M29W640FB Datasheet HTML 63Page - STMicroelectronics M29W640FB Datasheet HTML 64Page - STMicroelectronics M29W640FB Datasheet HTML 65Page - STMicroelectronics M29W640FB Datasheet HTML 66Page - STMicroelectronics M29W640FB Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
63/72
Appendix C Extended Memory Block
The M29W640F has an extra block, the Extended Block, that can be accessed using a
dedicated command.
This Extended Block is 128 Words in x16 mode and 256 Bytes in x8 mode. It is used as a
security block to provide a permanent security identification number) or to store additional
information.
The Extended Block is either Factory Locked or Customer Lockable, its status is indicated by bit
DQ7. This bit is permanently set to either
‘1’ or ‘0’ at the factory and cannot be changed. When
set to
‘1’, it indicates that the device is factory locked and the Extended Block is protected.
When set to
‘0’, it indicates that the device is customer lockable and the Extended Block is
unprotected. Bit DQ7 being permanently locked to either
‘1’ or ‘0’ is another security feature
which ensures that a customer lockable device cannot be used instead of a factory locked one.
Bit DQ7 is the most significant bit in the Extended Block Verify Code and a specific procedure
must be followed to read it. See
“Extended Memory Block Verify Code” in Table 3: Bus
Operations, BYTE = VIL and Table 4: Bus Operations, BYTE = VIH, for details of how to read bit
DQ7.
The Extended Block can only be accessed when the device is in Extended Block mode. For
details of how the Extended Block mode is entered and exited, refer to the Section 4.3.1: Enter
Extended Block command and Section 4.3.2: Exit Extended Block command, and to Table5
and Table 6: Commands, 8-bit mode, BYTE = VIL.
C.1
Factory Locked Extended Block
In devices where the Extended Block is factory locked, the Security Identification Number is
written to the Extended Block address space (see Table 28: Extended Block Address and Data)
in the factory. The DQ7 bit is set to
‘1’ and the Extended Block cannot be unprotected.
C.2
Customer Lockable Extended Block
A device where the Extended Block is customer lockable is delivered with the DQ7 bit set to
‘0’
and the Extended Block unprotected. It is up to the customer to program and protect the
Extended Block but care must be taken because the protection of the Extended Block is not
reversible.
There are two ways of protecting the Extended Block:
Issue the Enter Extended Block command to place the device in Extended Block mode,
then use the In-System Technique with RP either at VIH or at VID (refer to Appendix D,
Section D.2: In-System Technique and to the corresponding flowcharts, Figure 18 and
Figure 19, for a detailed explanation of the technique).
Issue the Enter Extended Block command to place the device in Extended Block mode,
then use the Programmer Technique (refer to Appendix D, Section D.1: Programmer
Technique and to the corresponding flowcharts, Figure 16 and Figure 17, for a detailed
explanation of the technique).
Once the Extended Block is programmed and protected, the Exit Extended Block command
must be issued to exit the Extended Block mode and return the device to Read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com