Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 23 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 19Page - STMicroelectronics M29W640FB Datasheet HTML 20Page - STMicroelectronics M29W640FB Datasheet HTML 21Page - STMicroelectronics M29W640FB Datasheet HTML 22Page - STMicroelectronics M29W640FB Datasheet HTML 23Page - STMicroelectronics M29W640FB Datasheet HTML 24Page - STMicroelectronics M29W640FB Datasheet HTML 25Page - STMicroelectronics M29W640FB Datasheet HTML 26Page - STMicroelectronics M29W640FB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
M29W640FT, M29W640FB
4 Command Interface
23/72
4.2
Fast Program commands
There are four Fast Program commands available to improve the programming throughput, by
writing several adjacent words or bytes in parallel. The Double, Quadruple and Octuple Byte
Program commands are available for x8 operations, while the Double Quadruple Word Program
command are available for x16 operations.
Fast Program commands can be suspended and then resumed by issuing a Program Suspend
command and a Program Resume command, respectively (see Section 4.1.8: Program
Suspend command and Section 4.1.9: Program Resume command).
When VPPH is applied to the VPP/Write Protect pin the memory automatically enters the Fast
Program mode. The user can then choose to issue any of the Fast Program commands. Care
must be taken because applying a VPPH to the VPP/WP pin will temporarily unprotect any
protected block.
4.2.1
Double Byte Program command
The Double Byte Program command is used to write a page of two adjacent Bytes in parallel.
The two bytes must differ only in DQ15A-1. Three bus write cycles are necessary to issue the
Double Byte Program command.
1.
The first bus cycle sets up the Double Byte Program Command.
2.
The second bus cycle latches the Address and the Data of the first byte to be written.
3.
The third bus cycle latches the Address and the Data of the second byte to be written.
4.2.2
Quadruple Byte Program command
The Quadruple Byte Program command is used to write a page of four adjacent Bytes in
parallel. The four bytes must differ only for addresses A0, DQ15A-1. Five bus write cycles are
necessary to issue the Quadruple Byte Program command.
1.
The first bus cycle sets up the Quadruple Byte Program Command.
2.
The second bus cycle latches the Address and the Data of the first byte to be written.
3.
The third bus cycle latches the Address and the Data of the second byte to be written.
4.
The fourth bus cycle latches the Address and the Data of the third byte to be written.
5.
The fifth bus cycle latches the Address and the Data of the fourth byte to be written and
starts the Program/Erase Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com