Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 49 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 45Page - STMicroelectronics M29W640FB Datasheet HTML 46Page - STMicroelectronics M29W640FB Datasheet HTML 47Page - STMicroelectronics M29W640FB Datasheet HTML 48Page - STMicroelectronics M29W640FB Datasheet HTML 49Page - STMicroelectronics M29W640FB Datasheet HTML 50Page - STMicroelectronics M29W640FB Datasheet HTML 51Page - STMicroelectronics M29W640FB Datasheet HTML 52Page - STMicroelectronics M29W640FB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
49/72
60
64/32
Protection Group
3C0000h
–3CFFFFh
1E0000h
–1E7FFFh
61
64/32
3D0000h
–3DFFFFh
1E8000h
–1EFFFFh
62
64/32
3E0000h
–3EFFFFh
1F0000h
–1F7FFFh
63
64/32
3F0000h
–3FFFFFh
1F8000h
–1FFFFFh
64
64/32
Protection Group
400000h
–40FFFFh
200000h
–207FFFh
65
64/32
410000h
–41FFFFh
208000h
–20FFFFh
66
64/32
420000h
–42FFFFh
210000h
–217FFFh
67
64/32
430000h
–43FFFFh
218000h
–21FFFFh
68
64/32
Protection Group
440000h
–44FFFFh
220000h
–227FFFh
69
64/32
450000h
–45FFFFh
228000h
–22FFFFh
70
64/32
460000h
–46FFFFh
230000h
–237FFFh
71
64/32
470000h
–47FFFFh
238000h
–23FFFFh
72
64/32
Protection Group
480000h
–48FFFFh
240000h
–247FFFh
73
64/32
490000h
–49FFFFh
248000h
–24FFFFh
74
64/32
4A0000h
–4AFFFFh
250000h
–257FFFh
75
64/32
4B0000h
–4BFFFFh
258000h
–25FFFFh
76
64/32
Protection Group
4C0000h
–4CFFFFh
260000h
–267FFFh
77
64/32
4D0000h
–4DFFFFh
268000h
–26FFFFh
78
64/32
4E0000h
–4EFFFFh
270000h
–277FFFh
79
64/32
4F0000h
–4FFFFFh
278000h
–27FFFFh
80
64/32
Protection Group
500000h
–50FFFFh
280000h
–287FFFh
81
64/32
510000h
–51FFFFh
288000h
–28FFFFh
82
64/32
520000h
–52FFFFh
290000h
–297FFFh
83
64/32
530000h
–53FFFFh
298000h
–29FFFFh
84
64/32
Protection Group
540000h
–54FFFFh
2A0000h
–2A7FFFh
85
64/32
550000h
–55FFFFh
2A8000h
–2AFFFFh
86
64/32
560000h
–56FFFFh
2B0000h
–2B7FFFh
87
64/32
570000h
–57FFFFh
2B8000h
–2BFFFFh
88
64/32
Protection Group
580000h
–58FFFFh
2C0000h
–2C7FFFh
89
64/32
590000h
–59FFFFh
2C8000h
–2CFFFFh
90
64/32
5A0000h
–5AFFFFh
2D0000h
–2D7FFFh
91
64/32
5B0000h
–5BFFFFh
2D8000h
–2DFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com