Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 60 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 56Page - STMicroelectronics M29W640FB Datasheet HTML 57Page - STMicroelectronics M29W640FB Datasheet HTML 58Page - STMicroelectronics M29W640FB Datasheet HTML 59Page - STMicroelectronics M29W640FB Datasheet HTML 60Page - STMicroelectronics M29W640FB Datasheet HTML 61Page - STMicroelectronics M29W640FB Datasheet HTML 62Page - STMicroelectronics M29W640FB Datasheet HTML 63Page - STMicroelectronics M29W640FB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
60/72
Table 25.
Device Geometry Definition
1.
For Bottom Boot devices, Erase Block Region 1 is located from address 000000h to 007FFFh and Erase Block Region 2
from address 008000h to 3FFFFFh.
For Top Boot devices, Erase Block Region 1 is located from address 000000h to 3F7FFFh and Erase Block Region 2 from
address 3F8000h to 3FFFFFh.
Address
Data
Description
Value
x16
x8
27h
4Eh
0017h
Device Size = 2n in number of bytes
8 MByte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface Code description
x8, x16
Async.
2Ah
2Bh
54h
56h
0004h
0000h
Maximum number of bytes in multi-byte program or page = 2n
16 Bytes
2Ch
58h
0002h
Number of Erase Block Regions. It specifies the number of
regions containing contiguous Erase Blocks of the same size.
2
2Dh
2Eh
5Ah
5Ch
0007h
0000h
Region 1 Information
Number of Erase Blocks of identical size = 0007h+1
8
2Fh
30h
5Eh
60h
0020h
0000h
Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8Kbyte
31h
32h
62h
64h
007Eh
0000h
Region 2 Information
Number of Erase Blocks of identical size= 007Eh+1
127
33h
34h
66h
68h
0000h
0001h
Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64Kbyte
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0000h
0000h
Region 3 Information
Number of Erase Blocks of identical size=007Fh+1
Region 3 Information
Block size in Region 3 = 0000h * 256 byte
0
0
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Region 4 Information
Number of Erase Blocks of Identical size=007Fh+1
Region 4 Information
Block size in Region 4 = 0000h * 256 byte
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com