Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 61 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 57Page - STMicroelectronics M29W640FB Datasheet HTML 58Page - STMicroelectronics M29W640FB Datasheet HTML 59Page - STMicroelectronics M29W640FB Datasheet HTML 60Page - STMicroelectronics M29W640FB Datasheet HTML 61Page - STMicroelectronics M29W640FB Datasheet HTML 62Page - STMicroelectronics M29W640FB Datasheet HTML 63Page - STMicroelectronics M29W640FB Datasheet HTML 64Page - STMicroelectronics M29W640FB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
61/72
Table 26.
Primary Algorithm-Specific Extended Query Table
Address
Data
Description
Value
x16
x8
40h
80h
0050h
Primary Algorithm extended Query table unique ASCII string
“PRI”
"P"
41h
82h
0052h
"R"
42h
84h
0049h
"I"
43h
86h
0031h
Major version number, ASCII
“1”
44h
88h
0033h
Minor version number, ASCII
"3"
45h
8Ah
0000h
Address Sensitive Unlock (bits 1 to 0)
00h = required, 01h = not required
Silicon Revision Number (bits 7 to 2)
Yes
46h
8Ch
0002h
Erase Suspend
00h = not supported, 01h = Read only, 02 = Read and Write
2
47h
8Eh
0004h
Block Protection
00h = not supported, x = number of blocks per protection group
4
48h
90h
0001h
Temporary Block Unprotect
00h = not supported, 01h = supported
Yes
49h
92h
0004h
Block Protect /Unprotect
04 = M29W640F
04
4Ah
94h
0000h
Simultaneous Operations, 00h = not supported
No
4Bh
96h
0000h
Burst Mode: 00h = not supported, 01h = supported
No
4Ch
98h
0001h
Page Mode: 00h = not supported, 01h = 4 page word, 02h = 8
page word
Yes
4Dh
9Ah
00B5h
VPP Supply Minimum Program/Erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
11.5V
4Eh
9Ch
00C5h
VPP Supply Maximum Program/Erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
12.5V
4Fh
9Eh
0002h
0003h
Top/Bottom Boot Block Flag
02h = Bottom Boot device
03h = Top Boot device
–
50h
A0h
0001h
Program Suspend
00h = Not Supported
01h = Supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com