Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 47 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 43Page - STMicroelectronics M29W640FB Datasheet HTML 44Page - STMicroelectronics M29W640FB Datasheet HTML 45Page - STMicroelectronics M29W640FB Datasheet HTML 46Page - STMicroelectronics M29W640FB Datasheet HTML 47Page - STMicroelectronics M29W640FB Datasheet HTML 48Page - STMicroelectronics M29W640FB Datasheet HTML 49Page - STMicroelectronics M29W640FB Datasheet HTML 50Page - STMicroelectronics M29W640FB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
47/72
Appendix A Block addresses
Table 20.
Top Boot Block Addresses, M29W640FT
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)
0
64/32
Protection Group
000000h
–00FFFFh(1)
000000h
–007FFFh(1)
1
64/32
010000h
–01FFFFh
008000h
–00FFFFh
2
64/32
020000h
–02FFFFh
010000h
–017FFFh
3
64/32
030000h
–03FFFFh
018000h
–01FFFFh
4
64/32
Protection Group
040000h
–04FFFFh
020000h
–027FFFh
5
64/32
050000h
–05FFFFh
028000h
–02FFFFh
6
64/32
060000h
–06FFFFh
030000h
–037FFFh
7
64/32
070000h
–07FFFFh
038000h
–03FFFFh
8
64/32
Protection Group
080000h
–08FFFFh
040000h
–047FFFh
9
64/32
090000h
–09FFFFh
048000h
–04FFFFh
10
64/32
0A0000h
–0AFFFFh
050000h
–057FFFh
11
64/32
0B0000h
–0BFFFFh
058000h
–05FFFFh
12
64/32
Protection Group
0C0000h
–0CFFFFh
060000h
–067FFFh
13
64/32
0D0000h
–0DFFFFh
068000h
–06FFFFh
14
64/32
0E0000h
–0EFFFFh
070000h
–077FFFh
15
64/32
0F0000h
–0FFFFFh
078000h
–07FFFFh
16
64/32
Protection Group
100000h
–10FFFFh
080000h
–087FFFh
17
64/32
110000h
–11FFFFh
088000h
–08FFFFh
18
64/32
120000h
–12FFFFh
090000h
–097FFFh
19
64/32
130000h
–13FFFFh
098000h
–09FFFFh
20
64/32
Protection Group
140000h
–14FFFFh
0A0000h
–0A7FFFh
21
64/32
150000h
–15FFFFh
0A8000h
–0AFFFFh
22
64/32
160000h
–16FFFFh
0B0000h
–0B7FFFh
23
64/32
170000h
–17FFFFh
0B8000h
–0BFFFFh
24
64/32
Protection Group
180000h
–18FFFFh
0C0000h
–0C7FFFh
25
64/32
190000h
–19FFFFh
0C8000h
–0CFFFFh
26
64/32
1A0000h
–1AFFFFh
0D0000h
–0D7FFFh
27
64/32
1B0000h
–1BFFFFh
0D8000h
–0DFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com