Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 50 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 46Page - STMicroelectronics M29W640FB Datasheet HTML 47Page - STMicroelectronics M29W640FB Datasheet HTML 48Page - STMicroelectronics M29W640FB Datasheet HTML 49Page - STMicroelectronics M29W640FB Datasheet HTML 50Page - STMicroelectronics M29W640FB Datasheet HTML 51Page - STMicroelectronics M29W640FB Datasheet HTML 52Page - STMicroelectronics M29W640FB Datasheet HTML 53Page - STMicroelectronics M29W640FB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
50/72
92
64/32
Protection Group
5C0000h
–5CFFFFh
2E0000h
–2E7FFFh
93
64/32
5D0000h
–5DFFFFh
2E8000h
–2EFFFFh
94
64/32
5E0000h
–5EFFFFh
2F0000h
–2F7FFFh
95
64/32
5F0000h
–5FFFFFh
2F8000h
–2FFFFFh
96
64/32
Protection Group
600000h
–60FFFFh
300000h
–307FFFh
97
64/32
610000h
–61FFFFh
308000h
–30FFFFh
98
64/32
620000h
–62FFFFh
310000h
–317FFFh
99
64/32
630000h
–63FFFFh
318000h
–31FFFFh
100
64/32
Protection Group
640000h
–64FFFFh
320000h
–327FFFh
101
64/32
650000h
–65FFFFh
328000h
–32FFFFh
102
64/32
660000h
–66FFFFh
330000h
–337FFFh
103
64/32
670000h
–67FFFFh
338000h
–33FFFFh
104
64/32
Protection Group
680000h
–68FFFFh
340000h
–347FFFh
105
64/32
690000h
–69FFFFh
348000h
–34FFFFh
106
64/32
6A0000h
–6AFFFFh
350000h
–357FFFh
107
64/32
6B0000h
–6BFFFFh
358000h
–35FFFFh
108
64/32
Protection Group
6C0000h
–6CFFFFh
360000h
–367FFFh
109
64/32
6D0000h
–6DFFFFh
368000h
–36FFFFh
110
64/32
6E0000h
–6EFFFFh
370000h
–377FFFh
111
64/32
6F0000h
–6FFFFFh
378000h
–37FFFFh
112
64/32
Protection Group
700000h
–70FFFFh
380000h
–387FFFh
113
64/32
710000h
–71FFFFh
388000h
–38FFFFh
114
64/32
720000h
–72FFFFh
390000h
–397FFFh
115
64/32
730000h
–73FFFFh
398000h
–39FFFFh
116
64/32
Protection Group
740000h
–74FFFFh
3A0000h
–3A7FFFh
117
64/32
750000h
–75FFFFh
3A8000h
–3AFFFFh
118
64/32
760000h
–76FFFFh
3B0000h
–3B7FFFh
119
64/32
770000h
–77FFFFh
3B8000h
–3BFFFFh
120
64/32
Protection Group
780000h
–78FFFFh
3C0000h
–3C7FFFh
121
64/32
790000h
–79FFFFh
3C8000h
–3CFFFFh
122
64/32
7A0000h
–7AFFFFh
3D0000h
–3D7FFFh
123
64/32
7B0000h
–7BFFFFh
3D8000h
–3DFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com