Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W640FB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M29W640FB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M29W640FB Datasheet HTML 32Page - STMicroelectronics M29W640FB Datasheet HTML 33Page - STMicroelectronics M29W640FB Datasheet HTML 34Page - STMicroelectronics M29W640FB Datasheet HTML 35Page - STMicroelectronics M29W640FB Datasheet HTML 36Page - STMicroelectronics M29W640FB Datasheet HTML 37Page - STMicroelectronics M29W640FB Datasheet HTML 38Page - STMicroelectronics M29W640FB Datasheet HTML 39Page - STMicroelectronics M29W640FB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
7 DC and AC parameters
M29W640FT, M29W640FB
36/72
Table 11.
Device Capacitance
1.
Sampled only, not 100% tested.
Table 12.
DC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V VIN VCC
±1
µA
ILO
Output Leakage Current
0V VOUT VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH,
f = 6MHz
10
mA
ICC2
Supply Current (Standby)
E = VCC ±0.2V,
RP = VCC ±0.2V
100
µA
ICC3
Supply Current (Program/
Erase)
Program/Erase
Controller active
VPP/WP =
VIL orVIH
20
mA
VPP/WP = VPP
20
mA
VIL
Input Low Voltage
–0.5
0.8V
VIH
Input High Voltage
0.7VCC
VCC +0.3
V
VPP
Voltage for VPP/WP Program
Acceleration
VCC = 2.7V ±10%
11.5
12.5V
IPP
Current for VPP/WP Program
Acceleration
VCC = 2.7V ±10%
15
mA
VOL
Output Low Voltage
IOL = 1.8mA
0.45V
VOH
Output High Voltage
IOH = –100µAVCC –0.4
V
VID
Identification Voltage
11.5
12.5V
VLKO
(1)
1.
Sampled only, not 100% tested.
Program/Erase Lockout
Supply Voltage
1.8
2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com