| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 134 page ![]() General Description General Release Specification MC68HC705P6A — Rev. 1.0 General Description 1.2 Introduction The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller. It is a low-cost combination of an M68HC05 Family microprocessor with a 4-channel, 8-bit analog-to- digital (A/D) converter, a 16-bit timer with output compare and input capture, a serial communications port (SIOP), and a computer operating properly (COP) watchdog timer. The HC05 CPU core contains 176 bytes of RAM, 4672 bytes of user EPROM, 239 bytes of bootloader ROM, and 21 input/output (I/O) pins (20 bidirectional, 1 input-only). This device is available in a 28-pin SOIC, PDIP, or windowed DIP package. A functional block diagram of the MC68HC705P6A is shown in Figure 1-1. 1.3 Features • Low Cost • HC05 Core • 28-Pin SOIC, PDIP, or Windowed DIP Package • 4672 Bytes of User EPROM (Including 48 Bytes of Page Zero EPROM and 16 Bytes of User Vectors) • 239 Bytes of Bootloader ROM • 176 Bytes of On-Chip RAM • 4-Channel 8-Bit A/D Converter • SIOP Serial Communications Port • 16-Bit Timer with Output Compare and Input Capture • 20 Bidirectional I/O Lines and 1 Input-Only line • PC0 and PC1 High-Current Outputs • Single-Chip, Bootloader, and Test Modes • Power-Saving Stop, Halt, and Wait Modes Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |