| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 134 page ![]() General Release Specification Interrupt Types MC68HC705P6A — Rev. 1.0 General Release Specification Interrupts IRQ interrupt. If the LEVEL bit in the mask option register is clear (edge- sensitive only), the output of the internal edge detector flip-flop is sampled and the input level on the IRQ/VPP pin is ignored. The interrupt service routine address is specified by the contents of memory locations $1FFA and $1FFB. If the port A interrupts are enabled by the MOR, they generate external interrupts identically to the IRQ/Vpp pin. NOTE: The internal interrupt latch is cleared nine internal clock cycles after the interrupt is recognized (immediately after location $1FFA is read). Therefore, another external interrupt pulse could be latched during the IRQ service routine. Another interrupt will be serviced if the IRQ pin is still in a low state when the RTI in the service routine is executed. 5.3.3.2 Input Capture Interrupt The input capture interrupt is generated by the 16-bit timer as described in Section 8. Capture/Compare Timer. The input capture interrupt flag is located in register TSR and its corresponding enable bit can be found in register TCR. The I bit in the CCR must be clear for the input capture interrupt to be enabled. The interrupt service routine address is specified by the contents of memory locations $1FF8 and $1FF9. 5.3.3.3 Output Compare Interrupt The output compare interrupt is generated by a 16-bit timer as described in Section 8. Capture/Compare Timer. The output compare interrupt flag is located in register TSR and its corresponding enable bit can be found in register TCR. The I bit in the CCR must be clear for the output compare interrupt to be enabled. The interrupt service routine address is specified by the contents of memory locations $1FF8 and $1FF9. 5.3.3.4 Timer Overflow Interrupt The timer overflow interrupt is generated by the 16-bit timer as described in Section 8. Capture/Compare Timer. The timer overflow interrupt flag is located in register TSR and its corresponding enable bit can be found in register TCR. The I bit in the CCR must be clear for the timer overflow Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |