| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 51 Page - NXP Semiconductors |
|
51 / 134 page ![]() General Release Specification Port B MC68HC705P6A — Rev. 1.0 General Release Specification Input/Output Ports 6.4 Port B Port B is a 3-bit bidirectional port which can share pins PB5–PB7 with the SIOP communications subsystem. The port B data register is located at address $0001 and its data direction register (DDR) is located at address $0005. The contents of the port B data register are indeterminate at initial powerup and must be initialized by user software. Reset does not affect the data registers, but clears the DDRs, thereby setting all of the port pins to input mode. Writing a one to a DDR bit sets the corresponding port pin to output mode (see Figure 6-2). Port B may be used for general I/O applications when the SIOP subsystem is disabled. The SPE bit in register SPCR is used to enable/disable the SIOP subsystem. When the SIOP subsystem is enabled, port B registers are still accessible to software. Writing to either of the port B registers while a data transfer is under way could corrupt the data. See Section 7. Serial Input/Output Port for a discussion of the SIOP subsystem. Figure 6-2. Port B I/O Circuitry READ $0001 WRITE $0001 READ $0005 DATA REGISTER BIT I/O PIN OUTPUT INTERNAL HC05 DATA BUS RESET (RST) WRITE $0005 DATA DIRECTION REGISTER BIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |