| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 134 page ![]() Interrupts General Release Specification MC68HC705P6A — Rev. 1.0 Interrupts condition code register is clear) and the corresponding interrupt enable bit is set, the processor proceeds with interrupt processing. Otherwise, the next instruction is fetched and executed. The SWI is executed the same as any other instruction, regardless of the I-bit state. When an interrupt is to be processed, the CPU puts the register contents on the stack, sets the I bit in the CCR, and fetches the address of the corresponding interrupt service routine from the vector table at locations $1FF8 through $1FFF. If more than one interrupt is pending when the interrupt vector is fetched, the interrupt with the highest vector location shown in Table 5-1 will be serviced first. An RTI instruction is used to signify when the interrupt software service routine is completed. The RTI instruction causes the CPU state to be recovered from the stack and normal processing to resume at the next instruction that was to be executed when the interrupt took place. Figure 5-1 shows the sequence of events that occurs during interrupt processing. Table 5-1. Vector Addresses for Interrupts and Reset Register Flag Name Interrupts CPU Interrupt Vector Address N/A N/A Reset RESET $1FFE–$1FFF N/A N/A Software SWI $1FFC–$1FFD N/A N/A External Interrupt IRQ $1FFA-$1FFB TSR ICF Timer Input Capture TIMER $1FF8–$1FF9 TSR OCF Timer Output Compare TIMER $1FF8–$1FF9 TSR TOF Timer Overflow TIMER $1FF8–$1FF9 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |