| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 134 page ![]() Interrupts General Release Specification MC68HC705P6A — Rev. 1.0 Interrupts 5.3 Interrupt Types The interrupts fall into three categories: reset, software, and hardware. 5.3.1 Reset Interrupt Sequence The RESET function is not in the strictest sense an interrupt; however, it is acted upon in a similar manner as shown in Figure 5-1. A low-level input on the RESET pin or internally generated RST signal causes the program to vector to its starting address which is specified by the contents of memory locations $1FFE and $1FFF. The I bit in the condition code register is also set. The MCU is configured to a known state during this type of reset as previously described in Section 4. Resets. 5.3.2 Software Interrupt (SWI) The SWI is an executable instruction. It is also a non-maskable interrupt since it is executed regardless of the state of the I bit in the CCR. As with any instruction, interrupts pending during the previous instruction will be serviced before the SWI opcode is fetched. The interrupt service routine address for the SWI instruction is specified by the contents of memory locations $1FFC and $1FFD. 5.3.3 Hardware Interrupts All hardware interrupts are maskable by the I bit in the CCR. If the I bit is set, all hardware interrupts (internal and external) are disabled. Clearing the I bit enables the hardware interrupts. Four hardware interrupts are explained in the following subsections. 5.3.3.1 External Interrupt (IRQ) The IRQ/VPP pin drives an asynchronous interrupt to the CPU. An edge detector flip-flop is latched on the falling edge of IRQ/VPP. If either the output from the internal edge detector flip-flop or the level on the IRQ/VPP pin is low, a request is synchronized to the CPU to generate the Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |