| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 134 page ![]() General Release Specification Functional Pin Description MC68HC705P6A — Rev. 1.0 General Release Specification General Description 1.4 Functional Pin Description The following paragraphs describe the functionality of each pin on the MC68HC705P6A package. Pins connected to subsystems described in other chapters provide a reference to the chapter instead of a detailed functional description. 1.4.1 V DD and V SS Power is supplied to the MCU through VDD and VSS. VDD is connected to a regulated +5 volt supply and VSS is connected to ground. Very fast signal transitions occur on the MCU pins. The short rise and fall times place very high short-duration current demands on the power supply. To prevent noise problems, take special care to provide good power supply bypassing at the MCU. Use bypass capacitors with good high-frequency characteristics and position them as close to the MCU as possible. Bypassing requirements vary, depending on how heavily the MCU pins are loaded. 1.4.2 OSC1 and OSC2 The OSC1 and OSC2 pins are the control connections for the on-chip oscillator. The OSC1 and OSC2 pins can accept the following: 1. A crystal as shown in Figure 1-2(a) 2. A ceramic resonator as shown in Figure 1-2(a) 3. An external clock signal as shown in Figure 1-2(b) The frequency, fosc, of the oscillator or external clock source is divided by two to produce the internal bus clock operating frequency, fop. The oscillator cannot be turned off by software unless the MOR bit, SWAIT, is clear when a STOP instruction is executed. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |