| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 134 page ![]() General Description General Release Specification MC68HC705P6A — Rev. 1.0 General Description 1.4.7 PD5 and PD7/TCAP These two I/O pins comprise port D and one of them is shared with the 16-bit timer subsystem. The state of PD5 is software programmable and is configured as an input during power-on or reset. PD7 is always an input. It may be read at any time, regardless of which mode of operation the 16-bit timer is in. Refer to Section 6. Input/Output Ports and Section 8. Capture/Compare Timer. 1.4.8 TCMP This pin is the output from the 16-bit timer’s output compare function. It is low after reset. Refer to Section 8. Capture/Compare Timer. 1.4.9 IRQ/VPP (Maskable Interrupt Request) This input pin drives the asynchronous interrupt function of the MCU in user mode and provides the VPP programming voltage in bootloader mode. The MCU will complete the current instruction being executed before it responds to the IRQ interrupt request. When the IRQ/VPP pin is driven low, the event is latched internally to signify an interrupt has been requested. When the MCU completes its current instruction, the interrupt latch is tested. If the interrupt latch is set and the interrupt mask bit (I bit) in the condition code register is clear, the MCU will begin the interrupt sequence. Depending on the MOR LEVEL bit, the IRQ/VPP pin will trigger an interrupt on either a negative edge at the IRQ/VPP pin and/or while the IRQ/VPP pin is held in the low state. In either case, the IRQ/VPP pin must be held low for at least one tILIH time period. If the edge- and level- sensitive mode is selected (LEVEL bit set), the IRQ/VPP input pin requires an external resistor connected to VDD for wired-OR operation. If the IRQ/VPP pin is not used, it must be tied to the VDD supply. The IRQ/VPP pin input circuitry contains an internal Schmitt trigger to improve noise immunity. Refer to Section 5. Interrupts. NOTE: If the voltage level applied to the IRQ/VPP pin exceeds VDD, it may affect the MCU’s mode of operation. See Section 3. Operating Modes. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |