Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705P6AGRS/D Datasheet(PDF) 87 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 86Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 87Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 88Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 89Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 90Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
General Release Specification
EPROM Bootloader
MC68HC705P6A — Rev. 1.0
General Release Specification
EPROM
10.7 EPROM Bootloader
Three port pins are associated with bootloader control functions: PC3,
PC4, and PC6. Table 10-2 summarizes their functionality.
10.8 Programming from an External Memory Device
In this programming mode, PC5 must be connected to VSS. PC4 and
PC3 are used to select the programming mode. The programming circuit
shown in Figure 10-2 uses an external 12-bit counter to address the
memory device containing the code to be copied. This counter requires
a clock and a reset function. The 12-bit counter can address up to
4 Kbytes of memory, which means that a port pin has to be used to
address the remaining 4 K of the 8-K memory space.
The following procedure explains how to use the programming circuit
shown in Figure 10-2 to copy a user program from an external memory
device into the MCU’s EPROM:
1. Program a 2764-type EPROM device with the desired instructions
and data. Code programmed into the 2764 must appear at the
same addresses desired in the MC68HC705P6A. Therefore, the
page zero code must start at $0020 and end at $004F, the main
body of code must start at $0100 and end at $12FF, and the user
vectors must start at $1FF0 and end at $1FFF.
NOTE:
The MOR data must appear at $1EFF and $1F00.
2. Install the programmed 2764 device into the programming circuit.
3. Install the MC68HC705P6A to be programmed into the
programming circuit.
Table 10-2. Bootloader Control Pins
PC6
PC4
PC3
Mode
1
1
1
Program/Verify
1
1
0
Verify Only
1
0
0
Dump MCU EPROM to Port A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com