Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 2Page - STMicroelectronics STPM801 Datasheet HTML 3Page - STMicroelectronics STPM801 Datasheet HTML 4Page - STMicroelectronics STPM801 Datasheet HTML 5Page - STMicroelectronics STPM801 Datasheet HTML 6Page - STMicroelectronics STPM801 Datasheet HTML 7Page - STMicroelectronics STPM801 Datasheet HTML 8Page - STMicroelectronics STPM801 Datasheet HTML 9Page - STMicroelectronics STPM801 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
3
Maximum ratings
3.1
Operating range
Within the operating range, the part operates as specified and without parameter deviations. The device may not
properly operate if maximum operating conditions are exceeded.
Whenever the device comes back into the operating range, after being taken outside it (but without exceeding the
Absolute maximum ratings), the part will recover with no damage or degradation.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
All the voltages are referred to the substrate ground if not otherwise specified.
3.2
Absolute maximum ratings and operating voltage
Table 2. Absolute maximum ratings
Symbol
Parameter
Condition
Min Typ Max Unit
Note
WAKE
-
VB = WAKE, all pin GND
-65
-
65
V
-
VB
GLOBAL
All pin GND
-65
-
65
V
-
HGATE
-
HGATE = DGATE = CPTANK,
VB = CP1P = CP2P = CP1M = CP2M = SOURCE
= SENSE = OUT = 65 V,
All pin GND
-65
-
75
V
-
SOURCE
-
-
-65
-
65
V
-
DGATE
-
-
-65
-
75
V
-
TIE0
-
-
-0.3
-
5
V
-
SENSE
-
-0.3 V DC testing condition. SENSE pin can sustain
a negative voltage respect GND. SENSE and OUT
can drop maximum 3.6 V below GND for maximum
100 μs and 4.6 V below GND for maximum 10 μs
-0.3
-
65
V
-
OUT
-
-0.3 V DC testing condition. OUT pin can sustain
a negative voltage respect GND. SENSE and OUT
can drop maximum 3.6 V below GND for maximum
100 μs and 4.6 V below GND for maximum 10 μs
-0.3
-
65
V
-
CPTANK
-
-
-0.3
-
75
V
Not usable as
external supply
C2P
-
-
-0.3
-
75
V
-
C1P
-
-
-0.3
-
75
V
-
C2M
-
-
-0.3
-
65
V
-
C1M
-
-
-0.3
-
65
V
-
ENOUT
-
-
-0.3
-
65
V
No back-feed in
case of supply fault
GND
-
-
-0.3
-
0.3
V
-
DIS
-
-
-0.3
-
65
V
-
FLT
-
-
-0.3
-
65
V
No back-feed in
case of supply fault
STBY_IN
-
-
-0.3
-
40
V
-
STPM801
Maximum ratings
DS13990 - Rev 2
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com