Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 13Page - STMicroelectronics STPM801 Datasheet HTML 14Page - STMicroelectronics STPM801 Datasheet HTML 15Page - STMicroelectronics STPM801 Datasheet HTML 16Page - STMicroelectronics STPM801 Datasheet HTML 17Page - STMicroelectronics STPM801 Datasheet HTML 18Page - STMicroelectronics STPM801 Datasheet HTML 19Page - STMicroelectronics STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
PIN
CP_UV_flt
Charge pump undervoltage
filter time
Guaranteed by SCAN
7
10
12
μs
-
Fs
CP switching frequency
-
-
385
-
kHz
-
Cfly
C1 and C2 flying capacitor
-
80
100 120
nF
-
CPTANK
Tank output capacitor
-
176 220 264
nF
CPTANK
CP_UV_TIMEOUT
Charge pump undervoltage
timeout
Guaranteed by SCAN
1.8
-
2.2
s
-
CPRegulation_OVmode
Charge pump regulation in
OV condition
Put OV pin higher than 1.26 V and
measure CP regulation
8.5
-
10.5
V
CPTANK
4.1.8
Hot swap pre-driver and soft start
An internal pre-driver, supplied by charge pump, can drive HGATE at a voltage that typically is clamped
ΔVHG1_12V above battery line, completely turning ON hot swap MOSFET.
Figure 9. Hot swap pre-driver simplified structure
The pre-driver is floating with respect to the substrate and directly referred to the external FET gate-source
terminals, allowing a better driving also during fast transient commutations, and can sustain, without being
damaged, deep negative pulses.
A capacitor (maximum value 100 nF) is connected on HGATE pin, allowing the control of soft start timing during
hot swap switching ON. This turn-on transient is, in fact, controlled by the charge at constant current IHG_PU (gate
pull-up current) of this capacitor. The more soft start timing is increased, the more the inrush current during the
power-up is reduced. On the other hand, the switching OFF is realized with a strong pull-down current.
When ENOUT is de-asserted, hot swap VDS comparator is ignored. When the full on condition (OUT > VB -
VFULL_ON, ENOUT asserted) is reached, the VDS comparator is enabled after MASK_VDS_rising_flt masking
time. Indeed, when ENOUT is de-asserted again, the VDS comparator is ignored after MASK_VDS_falling_flt
masking time. The behavior of VDS diagnostics is shown in Figure 10.
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com