Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 22Page - STMicroelectronics STPM801 Datasheet HTML 23Page - STMicroelectronics STPM801 Datasheet HTML 24Page - STMicroelectronics STPM801 Datasheet HTML 25Page - STMicroelectronics STPM801 Datasheet HTML 26Page - STMicroelectronics STPM801 Datasheet HTML 27Page - STMicroelectronics STPM801 Datasheet HTML 28Page - STMicroelectronics STPM801 Datasheet HTML 29Page - STMicroelectronics STPM801 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Table 23. Standby pattern parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
STAND-BY_T0min
Pattern minimum time logic level 0
Guaranteed by scan
160
-
-
μs
STAND-BY_T0max
Pattern maximum time logic level 0
Guaranteed by scan
-
-
240
μs
STAND-BY_T1min
Pattern minimum time logic level 1
Guaranteed by scan
80
-
μs
STAND-BY_T1max
Pattern maximum time logic level 1
Guaranteed by scan
-
-
120
μs
STAND-BY_T_Blank
Blanking time from Power up to consider the
standby pattern
Guaranteed by scan
140
-
160
ms
STAND-BY_Exit_flt
Filter time on STAND-BY_IN pin to exit from
standby mode
Guaranteed by scan
0.9
-
1.1
ms
STAND-BY_ECHO_LH
Time between validated stand-by_pattern_in
and ECHO pin assertion
Guaranteed by scan
-
-
300
μs
STAND-BY_ECHO_HL
Time between validated stand-by_pattern_out
and ECHO pin assertion
Guaranteed by scan
-
-
300
μs
STAND-BY_PIN _in_hl_th High input voltage range
-
2
-
-
V
STBY_PIN _in_ll_th
Low input voltage range
-
-
-
0.8
V
STAND-BY_PIN _in_pu
Internal pull up current
Pin = 0 V
20
40
60
μA
STAND-BY_ECHO_LOW Stand-By ECHO LOW Level
PullUP current 1 mA, used
as OpenDrain
-
-
0.4
V
STAND-BY_ECHO_HIGH Stand-By ECHO push pull signal HIGH
PullDOWN current 100 μA
2
-
-
V
5.1.6
STAND-BY exception
STPM801 can reject the standby enter request by pattern, according to the below pictures.
Figure 15. Standby pattern during blanking time
ENOUT
blk_counter
0
1
2
3
...
...
...
...
...
...
...
threshold
FLT
HGATE/DGATE
STBY_IN PIN
Enable pattern IN
Enable pattern OUT
STAND BY state
STBY_ECHO PIN
Note:
If standby pattern is received before blanking time expiration it will be ignored.
STPM801
STAND-BY behavior in detail
DS13990 - Rev 2
page 26/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com