Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 3Page - STMicroelectronics STPM801 Datasheet HTML 4Page - STMicroelectronics STPM801 Datasheet HTML 5Page - STMicroelectronics STPM801 Datasheet HTML 6Page - STMicroelectronics STPM801 Datasheet HTML 7Page - STMicroelectronics STPM801 Datasheet HTML 8Page - STMicroelectronics STPM801 Datasheet HTML 9Page - STMicroelectronics STPM801 Datasheet HTML 10Page - STMicroelectronics STPM801 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Note
STBY_ECHO
-
-
-0.3
-
5
V
-
OV
-
-
-65
-
65
V
-
UV
-
-
-65
-
65
V
-
Table 3. Relative absolute maximum ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Note
CTANK-VB
-
-
-3
-
15
V
C2P-C2M
-
-
-0.3
-
65
V
C1P-C1M
-
-
-0.3
-
65
V
VB-HGATE
-
-
-15
-
65
V
HGATE-SOURCE
-
-
-0.3
-
15
V
No external DC forced
DGATE-SOURCE
-
-
-0.3
-
12
V
No external DC forced
VB-WAKE
-
-
-0.3
-
65
V
VB-SOURCE
-
-
-2
-
65
V
SOURCE-SENSE/OUT
-
-
-65
-
2
V
SENSE-OUT
-
-
-1
-
1
V
Charge pump can sustain maximum 105 V with respect to VB during test pulse 1 for short time (less than 100 μs,
with CPTANK = +40 V e VBP = -65 V).
SENSE and OUT pins can sustain a negative voltage with respect to GND. SENSE and OUT can drop up to 3.6 V
below GND for maximum 100 μs, and up to 4.6 V below GND for maximum 10 μs. This event is sustainable for a
limited number in the life of the device, maximum 10 times.
In case of hot swap turning off, due to High load present, VB line can increase very fast. In this case, the
maximum rating is 70 V for maximum 100 μs. In this condition CPTANK pin can sustain 77 V for less than 100 μs.
Table 4. Maximum operating voltage
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
WAKE
-
-
-0.3
-
40
V
-
VB
GLOBAL
-
-0.3
-
40
V
-
HGATE
-
-
-0.3
-
50
V
-
SOURCE
-
-
-0.3
-
40
V
-
DGATE
-
-
-0.3
-
40
V
-
SENSE
-
-
-0.3
-
40
V
-
OUT
-
-
-0.3
-
40
V
-
CPTANK
-
-
-0.3
-
50
V
-
CP2P
-
-
-0.3
-
50
V
-
CP1P
-
-
-0.3
-
50
V
-
CP2M
-
-
-0.3
-
40
V
-
CP1M
-
-
-0.3
-
40
V
-
ENOUT
-
-
-0.3
-
40
V
-
GND
-
-
-0.3
-
0.3
V
-
DIS
-
-
-0.3
-
40
V
-
STPM801
Absolute maximum ratings and operating voltage
DS13990 - Rev 2
page 7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com