Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 6Page - STMicroelectronics STPM801 Datasheet HTML 7Page - STMicroelectronics STPM801 Datasheet HTML 8Page - STMicroelectronics STPM801 Datasheet HTML 9Page - STMicroelectronics STPM801 Datasheet HTML 10Page - STMicroelectronics STPM801 Datasheet HTML 11Page - STMicroelectronics STPM801 Datasheet HTML 12Page - STMicroelectronics STPM801 Datasheet HTML 13Page - STMicroelectronics STPM801 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
4
Functional description
4.1
Functional behavior in detail
In the next paragraphs all device functions, related to device power supply and the pre-drivers, are described in
detail.
4.1.1
VB power supply
VB power supply is the main power input of STPM801. VB battery line starts the power-up and the power-down
sequences by feeding the subsequent internal purpose circuitries (that is, bandgaps, monitoring units and internal
regulators control loops).
VB is compatible to 12 V and 24 V systems. The supply input ranges from 4 V to 65 V. Full functionality and
electrical parameters are guaranteed for VB in the range 4 V to 40 V; from 40 V to 60 V full functionality only.
Reverse input voltage protection is -65 V.
Device can withstand with 1a, 1b, 2a, 2b, 3a, 3b test pulse of ISO-7637 standards, provided that an appropriate
TVS protection is connected on the input battery line.
Once all internal supplies can release POR for the logic section, first of all the trimming parameters are
downloaded from OTP memory; after that all the necessary internal checks are performed (analog comparators,
clock monitor, safety off path self tests).
If at least one of these internal integrity checks is failing, pre-drivers are disabled and FLT output is asserted low,
If the results of previous checks are fine and no faults are detected, when charge pump is out of undervoltage,
the drivers are finally switched on, and FLT output goes high. When device power-up and drivers turn on are
completed, ENOUT pin is also released.
Whenever a fault is detected, the drivers are switched off, and FLT pin is asserted low. Fault and clearing
methods are reported in Table 18.
Table 8. Power supply parameters
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Pin
VB, range1
Wide range AMR
Full function
4(1)
14
65
V
-
VB, range2
Operating range
Full parameters
4(1)
-
40
V
-
VB, min
Mininum VB to turn on device
-
6
-
-
V
-
ION
Supply current at T = 25 °C
VB = 14 V, device
enable VOUT = VSENSE
= VSOURCE, HGATE ON,
DGATE regulation
If VB is not present, or lower
than OUT, current is sunk
from OUT.
-
14
mA
-
ION_hot
Supply current at T = 150 °C
VB = 14 V, device
enable VOUT = VSENSE
= VSOURCE, HGATE ON,
DGATE regulation
If VB is not present, or lower
than OUT, current is sunk
from OUT.
-
-
16
mA
-
Isd_hot
Supply current in shutdown at
VB = 14 V, T = 150 °C
VB = 14 V, device disabled
-
-
50
μA
VB
Isd
Supply current in shutdown at
VB = 14 V, T = 25 °C
VB = 14 V, device disabled
-
-
25
μA
VB
STPM801
Functional description
DS13990 - Rev 2
page 10/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com