Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 14Page - STMicroelectronics STPM801 Datasheet HTML 15Page - STMicroelectronics STPM801 Datasheet HTML 16Page - STMicroelectronics STPM801 Datasheet HTML 17Page - STMicroelectronics STPM801 Datasheet HTML 18Page - STMicroelectronics STPM801 Datasheet HTML 19Page - STMicroelectronics STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics STPM801 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Figure 10. VDS diagnostic enabling signal
Every time hot swap driver is turned ON, the VDS comparator is masked until Hotswap_VDS mask_soft_start_flt
is expired (and the other masking conditions disappear).
Table 15. Hot swap and pre-driver parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Hotswap_ΔVHG1_4V
HGATE gate drive, (VHGATE −
VSOURCE)
Drive voltage at VB = 4.5 V
CP = VB + 5.3, VB + 6
5
-
-
V
Hotswap_ΔVHG1_12V
HGATE gate drive, (VHGATE −
VSOURCE)
Drive voltage at VB = 14 V,
CP = VB + 15, VB + 9
9
-
13
V
Hotswap_IHG,PU
GATE pull-up Current
-
20
37
55
μA
Hotswap_IHG,PD
GATE pull-down Current
-
50
80
120
mA
Hotswap_VDS
VDS on soft start MOS. A fault
is generated if detection happens
after ENOUT set
-
0.8
1
1.2
V
Hotswap_VDS_flt
VDS detection filter time
Guaranteed by scan
0.8 0.9
1
ms
MASK_VDS_rising_flt
Masking diag on filter time after
ENOUTrising edge
Guaranteed by scan
80 100 120
μs
MASK_VDS_falling_flt
Masking diag on filter time after
ENOUTfalling edge
Guaranteed by scan
1
1.2
1.4
ms
Hotswap_VDS_mask_soft_start_flt Soft start blanking time
Guaranteed by scan
80
90
100
ms
4.1.9
Oring pre-driver
The pre-driver for Oring MOSFET is an ideal diode regulator. When the load current creates more than
Oring_Full_ON of drop across the MOSFET (Oring_Full_ON comparator), the DGATE pin is pulled high by an
internal charge pump current source and clamped to Oring_ΔVDG2_12V above the SOURCE pin.
When the load current is small enough, the DGATE pin is actively driven to maintain Oring_VREG across the
MOSFET by actively regulating DGATE, thus implementing ideal diode function. In case of reverse voltage of
more than Oring_VREV across the MOSFET (SOURCE - VSENSE voltage drop), the oring MOSFET is turned
off, thus preventing reverse current from flowing from OUT to VB.
During normal operating condition, VGS of oring external FET is driven to allow the correct current load ( VSense
- VSource = Oring_VREG). For fast turning on and off condition, (when Vsense - Vsource > Oring_Full_ON) an
internal comparator activates a strong pullup current on DGATE pin.
Oring reverse and full on comparators are also used to quickly turn on and off the oring MOSFET, in order to
withstand with AC ripple disturbances (standard ISO 16750) and preventing AC noise from being transferred on
VOUT line.
This pre-driver implements same diagnosis and masking of hot swap pre-driver, such as VDS detection, shown in
Figure 10.
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 18/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com