Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 15Page - STMicroelectronics STPM801 Datasheet HTML 16Page - STMicroelectronics STPM801 Datasheet HTML 17Page - STMicroelectronics STPM801 Datasheet HTML 18Page - STMicroelectronics STPM801 Datasheet HTML 19Page - STMicroelectronics STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics STPM801 Datasheet HTML 22Page - STMicroelectronics STPM801 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
The VDS comparator of oring is also masked until the full on condition (OUT > VB - VFULL_ON) is reached.
Every time the oring pre-driver is turned ON, the VDS comparator is masked until a
Oring_VDS_mask_soft_start_flt is expired (and the other masking conditions disappear).
Table 16. Oring pre-driver parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Oring_ΔVDG2_4V
DGATE gate drive, (VDGATE
- VSOURCE)
Drive voltage at VB = 4.5 V CP =
VB + 5.3, VB + 6
4.5
-
-
V
Oring_ΔVDG2_12V
DGATE gate drive, (VDGATE
- VSOURCE)
Drive voltage at VB = 14 V, CP = VB
+ 11, VB + 9
6
-
8
V
Oring_VDG_12V
DGATE gate driver, upper
limit respect charge pump
value
Drive voltage at VB = 14 V, CP = VB
+ 11 V, guaranteed by design
-
-
CP-1
V
Oring_IDGATE(UP)
DGATE oring pull-up Current,
peak
Peak current guaranteed by design,
switch on time < 2 μs, 15 nF from 0
V to 4.5 V at VB 14 V
55
-
180
mA
Oring_IDGATE(UP)_VBmin
DGATE oring pull-up Current,
peak at VB min
Peak current guaranteed by design,
switch on time < 3 μs, 15 nF from 0
V to 4.5 V at VB 4.5 V
45
-
130
mA
Oring_IDGATE(DN)
DGATE oring pull-down
Current, peak
Peak current guaranteed by design,
switch off time < 1.5 μs, 15 nF from
regulated to 1.5 V
100
-
300
mA
Oring_IDGATE(DN)_VBmin
DGATE oring pull-down
Current, peak
Peak current guaranteed by design,
switch off time < 1.5 μs, 15 nF from
regulated to 1.5 V
90
-
250
mA
Oring_VREG
Ideal diode regulation voltage,
(VSOURCE - VSENSE)
-
15
30
47
mV
Oring_Fullon
(VSOURCE - VSENSE) for
fast turn ON activation
-
60
80
130
mV
Oring_VREV
Reverse voltage shut off
(VSOURCE - VSENSE)
-
-20 -10
-4
mV
Oring_Turnoff_delay
DGATE turn-off propagation
delay
Guaranteed by design
-
-
0.6
us
Oring_VDS
VDS on oring MOS.generates
FLT if detection happens
-
270 300 330
mV
Oring_VDS_flt
Short detection filter time
Guaranteed by scan
0.8 0.9
1
ms
Oring_VDS_mask_soft_start_flt Soft Start blanking time
Guaranteed by scan
80
90
100
ms
Source_Rev_Leakage
Source input leakage
VB floating < OUT = SENSE = 14 V,
Force SOURCE pin 5 V measure
sinked current
-
-
4
mA
4.1.10
DISABLE
When DIS pin is driven at high logic level, the device turns off HGATE and DGATE with internal pulldown.
Differently from WAKE, DIS assertion turns off the pre-drivers only, but the device remains supplied. When DIS
pin is driven at low logic level, the device turns on HGATE and DGATE with internal pullup.
For internal pulldown and pullup specification, refer to Section 4.1.9 Oring pre-driver.
Table 17. DISABLE parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DIS_in_hl_th
High input voltage range
-
2
-
-
V
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com