Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 19Page - STMicroelectronics STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics STPM801 Datasheet HTML 22Page - STMicroelectronics STPM801 Datasheet HTML 23Page - STMicroelectronics STPM801 Datasheet HTML 24Page - STMicroelectronics STPM801 Datasheet HTML 25Page - STMicroelectronics STPM801 Datasheet HTML 26Page - STMicroelectronics STPM801 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
5
STAND-BY mode feature
5.1
STAND-BY behavior in detail
In the next paragraphs all device features in STAND-BY mode are presented in detail, putting in evidence the
functional differences from normal operation mode, and describing the way to enter (exit) to (from) it.
5.1.1
STAND-BY mode feature description
STPM801 can enter in a hybrid configuration to reduce current consumption, disabling some diagnostics, and
reducing safety and accuracy of some features. Basically, the device keeps the hotswap and oring functionality,
with ideal diode regulation provided with a lower accuracy, and without fast pullup feature. Current consumption
values in standby are shown in Table 20.
In standby mode all diagnostics are disabled, to save current consumption, except CP_UV and OVC feature, that
are kept ON avoiding damage of external MOSFETs. OVC keeps the HV comparator with half threshold in typical
condition, and STG comparator switches off hotswap and Oring, with a specified filter time (see Figure 12).
The device always starts in normal mode after it powers up; the standby condition can be reached by applying a
dedicated pattern on STBY_IN pin. Once in standby mode, the IC can be brought back in normal mode by a rising
pulse of STBY_IN lasting 1 ms at least. Device status either.
Normal or stand-by is echoed on the pin STBY_ECHO.
Standby mode access is denied when the device is in fault condition.
DIS pin is ignored in stand-by. Vice versa, if DIS pin is High during normal state, the stand-by pattern is ignored. If
DIS pin is High in stand-by, the device can return to normal state, and, after the filter time of DIS pin expired, the
drivers are turned off.
VB operative range in stand-by is between 4.5 V and 28 V: operation outside this specific range can lead to
degraded performances; the IC integrity is by the way granted up to the specified AMR.
Table 20. Supply current in standby mode
Symbol
Parameter
Test condition
Min Typ Max Unit
ION_STAND-BY
Supply current in standby
mode
VB = 14 V, device enable VOUT = VSENSE =
VSOURCE, HGATE ON, DGATE regulation
5
-
9
mA
5.1.2
Oring driver in STAND-BY
The pre-driver for oring MOSFET is an ideal diode regulator. VDS detection is not present in standby mode.
Neither the fast turn on comparator nor the related fast pull-up are present in standby mode. The other
parameters related to oring driver have no change in standby mode.
5.1.3
Hot swap driver in STAND-BY
The pre-driver for hot swap MOSFET, in standby mode, has the same pull-up current (during turn-on) and
pull-down current (at the switch off), as in normal mode. VDS diagnostics are disabled in stand-by. The other
parameters are aligned with the specification in normal state, with the only exception reported in Table 21. Since
the charge pump regulation, in standby mode, is lower, the minimum VGS guaranteed for the hot swap is also
lower.
Table 21. Hot swap driver in standby
Symbol
Parameter
Test condition
Min Typ Max Unit
ΔVHG1_12V_STAND-BY
HGATE gate Drive_STAND-BY,
(VHGATE - VSOURCE)
Drive voltage at VB = 14 V, CP = VB + 15,
VB + 9
8
-
11
V
STPM801
STAND-BY mode feature
DS13990 - Rev 2
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com