| Electronic Components Datasheet Search |
|
STPM801 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM801 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 38 page ![]() 5.1.5 STAND-BY mode enter/exit For the transition to standby mode, the generation of a specific pattern at the input of STBY_IN is required, according to the below description. T0 and T1 are related to Figure 13. The pattern is considered valid if the timing of T0 and T1 is inside the specified range. Out of range, the pattern detection is not guaranteed. Figure 13. Standby pattern mechanism FULL ON state blank counter _ T 0 1 2 ... threshold 0 IN PIN _ STBY Enable pattern IN Enable pattern OUT STAND BY state ECHO PIN _ STBY When a 10 transition on STBY_IN pin is detected, the FSM will start to check the pattern. When the pattern is correctly sent, the activation of the stand-by mode starts. When the stand-by mode is fully reached, the echo is asserted, and the FSM is able again to hear theSTBY_IN pin. STBY_T1 STBY_T0 For a blanking time the STBY_IN pin will be ignored to allow the stabilization of the CPLD. STBY_T_Blank After standby mode transition, the STBY_IN pin must be kept at 0 logic level. Bringing it high longer than STBY_Exit_flt, STPM801 can come back from standby to normal mode. Behavior is reported in Figure 14. Figure 14. Standby exit sequence FULL ON state IN PIN _ STBY Enable pattern OUT Enable pattern IN STAND BY state ECHO PIN _ STBY When in Stand-by mode, if STBY_IN pin is high for STBY_T_Exit, the device returns in normal mode. STBY_T_Exit When the functional mode has been successfully restored, the echo is deasserted, and the FSM is ready to hear the STBY_IN pin to return in stand-by mode. STPM801 STAND-BY behavior in detail DS13990 - Rev 2 page 25/38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |