Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 11Page - STMicroelectronics STPM801 Datasheet HTML 12Page - STMicroelectronics STPM801 Datasheet HTML 13Page - STMicroelectronics STPM801 Datasheet HTML 14Page - STMicroelectronics STPM801 Datasheet HTML 15Page - STMicroelectronics STPM801 Datasheet HTML 16Page - STMicroelectronics STPM801 Datasheet HTML 17Page - STMicroelectronics STPM801 Datasheet HTML 18Page - STMicroelectronics STPM801 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
STG detection is present on VOUT pin with a filter time STG.flt. When short is detected, the FLT pin is asserted
low, while MOSFET driving signals HGATE/DGATE depend on the presence of other fault events at the same
time.
During device power-up, with VOUT externally shorted, blanking time STG_blank is active, STG comparator is
masked and has no impact on FLT pin. However, external MOSFET are protected by overcurrent protection
features.
Table 11. Over current and short to GND parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Note
OC_HV_th
Overcurrent threshold (VSENSE -
VOUT), VOUT > STG threshold
-
50
55 62.5 mV SENSE, OUT
OC_LV_th
Overcurrent threshold (VSENSE -
VOUT), VOUT < STG threshold
-
19
25
32
mV SENSE, OUT
OC_HV_fast_th
Overcurrent threshold (VSENSE -
VOUT), VOUT > STG threshold
-
90 100 110
mV SENSE, OUT
OC_LV_fast_th
Overcurrent threshold (VSENSE-
VOUT), VOUT< STG threshold
-
38
50
62
mV SENSE, OUT
OC_HV_flt
Overcurrent filter time
STG = 0, guaranteed by
scan
80
-
100
μs
-
OC_LV_flt
Overcurrent filter time
STG = 1, guaranteed by
scan
80
-
100
μs
-
OC_HV_fast_flt Overcurrent filter time
STG = 0, guaranteed by
scan and design
1
-
2.2
μs
-
OC_LV_fast_flt Overcurrent filter time
STG = 1, guaranteed by
scan and design
1
-
2.2
μs
-
STG_th
OUT short to ground threshold
-
2.5 3.2
3.9
V
OUT
STG_flt
Short to ground filter time
Guaranteed by scan
-
-
10
μs
-
STG_blank
Blanking time from driver turning on
command
Guaranteed by scan
80
-
100
ms
-
4.1.5
ENOUT
ENOUT is an open-drain output, going in high impedance when the voltage at the OUT pin is above (VB -
VFULL_ON), indicating that the external MOSFETs are fully on. ENOUT pin cannot be asserted if WAKE pin
voltage is below turn off threshold.
Table 12. ENOUT parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Note
ENOUT_OD_LL
ENOUT_OD low level
Pull-up current = 1 mA
-
-
0.4
V
ENOUT
ENOUT_Leakage ENOUT_OD leakage
Apply 5 V to FLT, output buffer off
-
-
10
μA
ENOUT
VFULL_ON
VB-VOUT difference for releasing
ENOUT
-
0.5 0.8
1.1
V
-
FULL_ON_flt
Filter time to activate ENOUT
Guaranteed by scan
-
-
100
μs
-
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 15/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com