Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics STPM801 Datasheet HTML 22Page - STMicroelectronics STPM801 Datasheet HTML 23Page - STMicroelectronics STPM801 Datasheet HTML 24Page - STMicroelectronics STPM801 Datasheet HTML 25Page - STMicroelectronics STPM801 Datasheet HTML 26Page - STMicroelectronics STPM801 Datasheet HTML 27Page - STMicroelectronics STPM801 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
5.1.4
Diagnostic in STAND-BY
STG detection is also present in standby mode, with a different filter time. When a short is detected, the FLT pin is
asserted low and the MOSFET driving signal HGATE/DGATE are turned off.
OVC diagnostic is also present in standby mode, but only HV comparators work and without retry function. When
OVC is detected the FLT pin is asserted low and the MOSFET driving signals HGATE/DGATE are turned off.
OVC and STG diagnostics work in OR condition, as shown in Figure 12.
Figure 12. Overcurrent and short to GND during standby
Table 22. Overcurrent and short to GND parameters in standby mode
Symbol
Parameter
Test condition
Min Typ Max Unit
Note
OC_HV_th_stand-by
Overcurrent threshold
(VSENSE-VOUT), VOUT > STG
threshold
-
22.5 27.5
35
mV SENSE, OUT
OC_HV_stand-by_flt
Overcurrent filter time
Guaranteed by scan
80
-
100
μs
-
OC_HV_fast_stand-by_th
Overcurrent threshold
(VSENSE-VOUT), VOUT > STG
threshold
-
40
50
60
mV SENSE, OUT
OC_HV_fast_stand-by_flt Overcurrent filter time
Guaranteed by scan
and design
1
-
3
μs
-
STG_flt
Short to ground filter time
Guaranteed by scan
and design
1
-
3
μs
-
CP_UV_flt
CP undervoltage filter time
Guaranteed by scan
0.9
-
1.2
ms
-
STPM801
STAND-BY behavior in detail
DS13990 - Rev 2
page 24/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com