Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 28Page - STMicroelectronics STPM801 Datasheet HTML 29Page - STMicroelectronics STPM801 Datasheet HTML 30Page - STMicroelectronics STPM801 Datasheet HTML 31Page - STMicroelectronics STPM801 Datasheet HTML 32Page - STMicroelectronics STPM801 Datasheet HTML 33Page - STMicroelectronics STPM801 Datasheet HTML 34Page - STMicroelectronics STPM801 Datasheet HTML 35Page - STMicroelectronics STPM801 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Table 25. VFQFN (5x5x0.9, 32+4L) package mechanical data
Symbol
Dimension in mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A2
0.2 REF
A3
0.10
-
-
b
0.20
0.25
0.30
D
-
5.00
-
e
-
0.5
-
E
-
5.00
-
L
0.35
0.45
0.55
L1
-
0.35
-
L2
-
0.075
-
L3
-
0.42
-
k
0.20
-
-
N
32+4
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Expose PAD variation
D2
3.55
3.60
3.65
E2
3.55
3.60
3.65
Note:
4L additive corner pins are electrically floating but it is recommended to solder them towards GND in order to
guarantee the mechanical integrity of the package.
STPM801
VFQFN (5x5x0.9, 32+4L) package information
DS13990 - Rev 2
page 32/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com