Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 16Page - STMicroelectronics STPM801 Datasheet HTML 17Page - STMicroelectronics STPM801 Datasheet HTML 18Page - STMicroelectronics STPM801 Datasheet HTML 19Page - STMicroelectronics STPM801 Datasheet HTML 20Page - STMicroelectronics STPM801 Datasheet HTML 21Page - STMicroelectronics STPM801 Datasheet HTML 22Page - STMicroelectronics STPM801 Datasheet HTML 23Page - STMicroelectronics STPM801 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DIS_in_ll_th
Low input voltage range
-
-
-
0.8
V
DIS_in_pd
Internal pull down current
Pin = 3.3 V
20
40
60
μA
DIS_flt
Disable pin filter time
Guaranteed by scan
1.6
-
3
us
4.2
Fault management
In the next paragraphs all device functions related to faults handing are described.
4.2.1
Fault table
In the following table all the faults causing an alarm on FLT pin, with proper filter time, are listed.
To clear a latched fault, the WAKE pin has to be set low for its filter time (1 ms) and then set again to high for its
filter time; after that a new power-up sequence can start.
Table 18. Fault table
Event
Filter time
HGATE
DGATE
FLT
Latched
Action for
coming back to
operating
Scenario
OV
10 μs
Low
Low
Active
Not
OV disappears
and no other
faults present
Input overvoltage
starting from device
ON condition
UV
100 μs
Low
Low
Active
Not
UV disappears
Input undervoltage
starting from device
ON condition
HOTSWAP VDS
detection
1 ms
Low
Low
Active
Yes
Toggling WAKE
After softstart finish,
M1 is open
ORING VDS
detection
1 ms
Low
Low
Active
Yes
Toggling WAKE
M2 VDS short
Overcurrent
1/100 μs
Low
Low
Active
Latched
after 32
retries
Toggling WAKE
Output overcurrent
STG
10 μs
No effect
No effect
Active
Not
N.A.
Output short to a lower
fixed voltage level
VB < VOUT
10 μs
High
(VDS
masked)
Low
(VDS
masked)
Not
active
Not
Reverse battery
condition
VB<VOUT
disappear
Reverse current
VBAT < Vout
CP_UV
10 μs
Low
Low
Active
Not
If CP_UV
disappears
UV on charge pump
- VGS on MOSFETs
cannot be guaranteed
OT
10 μs
Low
Low
Active
Not
If OT disappears
Over-temperature
detected
DIS
3 μs Max
Low
Low
Active
Not
If DIS is not
active
DIS pin is not asserted
SAFETY_FAULT
100 μs fault
detection
Low
Low
Active
Yes
Toggling WAKE
Selftest fail or clock
monitor error or OTP
CRC fail
If a reverse condition (VB < VOUT) is detected, VDS comparators of Oring and hot swap are both masked to
avoid false detection.
Pre-driver VDS diagnostic is implemented and optimized to work with a recommended bill of material (see
Table 24).
STPM801
Fault management
DS13990 - Rev 2
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com