Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 25Page - STMicroelectronics STPM801 Datasheet HTML 26Page - STMicroelectronics STPM801 Datasheet HTML 27Page - STMicroelectronics STPM801 Datasheet HTML 28Page - STMicroelectronics STPM801 Datasheet HTML 29Page - STMicroelectronics STPM801 Datasheet HTML 30Page - STMicroelectronics STPM801 Datasheet HTML 31Page - STMicroelectronics STPM801 Datasheet HTML 32Page - STMicroelectronics STPM801 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Table 24. Reference BOM
Name
Min Typ Max Unit Quantity
Minimum requirement
Note
CIN1
-
10
-
nF
4
Ceramic, 20%, 100 V
-
CIN2
-
4.7
-
μF
4
Ceramic, 10%, 100 V
-
CHG
-
10
-
nF
1
Ceramic, 10%, 100 V
-
COV
-
1
-
nF
1
Ceramic, 10%, 50 V
To be placed close to OV pin
CUV
-
1
-
nF
1
Ceramic, 10%, 50 V
To be placed close to UV pin
CFLYn
-
100
-
nF
2
Ceramic, 10%, 25 V
n = 1, 2
CTANK
-
220
-
nF
1
Ceramic, 10%, 50 V
-
CVB1
-
4.7
-
μF
1
Ceramic, 10%, 50 V
To be placed close to VB pin
CVB2
-
0.1
-
μF
1
Ceramic, 10%, 50 V
To be placed close to VB pin
COUT1
-
270
-
μF
4
Ceramic, 20%, 100 V
-
COUT2
-
4.7
-
μF
2
Ceramic, 10%, 100 V
-
COUT3
-
100
-
nF
2
Ceramic, 20%, 100 V
-
DZ_GSH
DZ_GSDn
-
-
-
-
3
MM5Z12VT1G
n = 1, 2
12 V clamp
DS_H
DS_D
-
-
-
-
2
SD0805S020S1R0
-
MHS
-
-
-
-
1
STH315N10F7-6
100 V breakdown
MOR_n
-
-
-
-
2
BUK9Y6R0-60E, 115
n = 1, 2
60 V breakdown
RSHUNT
-
1
-
mΩ
1
0.1%, 2 W
-
RGSH
-
1
-
MΩ
1
0.1%, 0.1 W
-
RGSD
-
510
-
kΩ
1
1%, 0.1 W
-
RUV_OV1
-
205
-
kΩ
1
1%, 0.1 W
For 12 V system
RUV_OV2
-
56.2
-
kΩ
1
1%, 0.1 W
RUV_OV3
-
10
-
kΩ
1
1%, 0.1 W
RUV_OV1
-
392
-
kΩ
1
1%, 0.1 W
For 24 V system
RUV_OV2
-
47
-
kΩ
1
1%, 0.1 W
RUV_OV3
-
10
-
kΩ
1
1%, 0.1 W
RWAKE
-
1
-
kΩ
1
1%, 0.1 W
-
RGH
RGD
-
10
-
W
2
1%, 0.1 W
-
RPU
-
4.7
-
kΩ
2
1%, 0.1 W
-
TVS
-
-
-
-
1
SM30T39CAY
For 12 V system
TVS
-
-
-
-
1
SM30T39CAY
For 24 V system
input_fit
-
-
-
-
-
-
Input LC filter (according to customer's needs)
STPM801
Applications information
DS13990 - Rev 2
page 29/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com