Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 7Page - STMicroelectronics STPM801 Datasheet HTML 8Page - STMicroelectronics STPM801 Datasheet HTML 9Page - STMicroelectronics STPM801 Datasheet HTML 10Page - STMicroelectronics STPM801 Datasheet HTML 11Page - STMicroelectronics STPM801 Datasheet HTML 12Page - STMicroelectronics STPM801 Datasheet HTML 13Page - STMicroelectronics STPM801 Datasheet HTML 14Page - STMicroelectronics STPM801 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Pin
Isdtot_hot
Supply current in VB, UV,
OV, WAKE pin during device
shutdown at 14 V, T = 150 °C
Guaranteed by design
-
-
55
μA
VB, UV,
OV,
WAKE
Isdtot
Supply current in VB, UV,
OV, WAKE pin during device
shutdown at 12 V, T = 25 °C
Guaranteed by design
-
-
30
μA
VB, UV,
OV,
WAKE
VB_Slope_fast
maximum rise slew rate of VB
line
Device OFF
-
-
1
V/μs
VB
VB_Slope_fast_ON
Device ON, driver OFF,
VB > 8 V
-
-
5
V/μs
VB
Device ON, driver ON.
-
-
0.2
V/μs
VB
VB_Slope_slow (rising
and falling)
Minimum slew rate on VB line
0.5
-
-
V/s
VB
1. Cranking scenario. PWR_UP occurs at VB ≥ VB_min.
4.1.2
WAKE
A key pin (WAKE) acts as control input. Pulling WAKE pin below Turn_OFF threshold triggers the power down
sequence. At first, both hot swap and oring pre-driver outputs are turned OFF, by triggering the internal active
pull-down, for typically 1 ms power down_dly timing. After that, the device is turned off, with consequent reduction
of current absorption from VB pin. Pulling this pin above Turn_ON threshold allows the internal startup circuits
to turn the device again. A 1 ms filter time is applied on WAKE pin, on both rising and falling edges, in order to
prevent device from turning on and off in a wrong way, due to disturbances present on WAKE pin.
When the device is off (without VB or WAKE LOW), HGATE AND DGATE are kept in high impedance (turn OFF
guaranteed by the external passive components).
If VB rises up, starting from 0 V, and OUT is higher than STG threshold, VDS comparators could be set,
depending on the timing of starting profile.
Table 9. WAKE input parameters
Symbol
Parameter
Test condition
Min. Typ.
Max. Unit
Pin
WAKE_high_th
WAKE turn ON threshold
-
2.1
-
2.7
V
WAKE
WAKE_low_th
WAKE turn OFF threshold
-
1.4
-
2
V
WAKE
WAKE_hys
WAKE hysteresis
-
0.5
-
1
V
WAKE
WAKE_pd
WAKE leakage
WAKE < WAKE_high_th -200 mV
0.4
-
10
μA
WAKE
WAKE,ft
WAKE filter time
Guaranteed by scan
0.9
1
1.1
ms
-
Powerdown_dly
Power down delay time
Guaranteed by scan
0.9
1
1.1
ms
-
4.1.3
UV and OV detection
An external voltage divider is present on VB pin. UV and OV pins of the device are connected to this voltage
divider. UV and OV voltages are compared with a fraction of internal bandgap reference.
When the UV pin falls below its 1 V threshold, HGATE and DGATE pins are pulled down. When the UV pin rises
above 1.2 V HGATE and DGATE pins are pulled up.
When OV is above its 1.2 V threshold, both HGATE and DGATE are turned OFF. When OV falls below 1 V, both
HGATE and DGATE pins are allowed to turn on again if there are no other faults. At power-up, an OV voltage
higher than threshold blocks turn-on of the external drivers controlled by HGATE and DGATE pins.
See also Table 18 for details.
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 11/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com