Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM801 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPM801
Description  Automotive high voltage hot swap, soft start and oring
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM801 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPM801 Datasheet HTML 8Page - STMicroelectronics STPM801 Datasheet HTML 9Page - STMicroelectronics STPM801 Datasheet HTML 10Page - STMicroelectronics STPM801 Datasheet HTML 11Page - STMicroelectronics STPM801 Datasheet HTML 12Page - STMicroelectronics STPM801 Datasheet HTML 13Page - STMicroelectronics STPM801 Datasheet HTML 14Page - STMicroelectronics STPM801 Datasheet HTML 15Page - STMicroelectronics STPM801 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Figure 4. Under voltage and over voltage detection
Table 10. Under voltage and over voltage parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Note
UVth,hl
Undervoltage threshold
-
0.95
1
1.05
V
UV
UVth,lh
Undervoltage threshold
-
1.14
1.2
1.26
V
UV
UV,flt
UV filter time
Guaranteed by scan
-
-
100
μs
-
OVth,lh
Overvoltage threshold
-
1.14
1.2
1.26
V
OV
OVth,hl
Overvoltage threshold
-
0.95
1
1.05
V
OV
OV,flt
OV filter time
Guaranteed by scan
-
-
10
μs
-
UV,leak
UV leakage
-
-
-
1
μA
UV
OV,leak
OV leakage
-
-
-
1
μA
OV
Figure 5. OV and UV - VB diagnostic simplified block diagram
User needs to size R1, R2, R3 in order to define proper detection values on VB (depending on, most of all, if
12 V or 24 V systems are used), considering that internal circuitry detects undervoltage or overvoltage conditions,
when correspondent pins are equal to the threshold values summarized in Table 10.
STPM801
Functional behavior in detail
DS13990 - Rev 2
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com