Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR32AP Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 94Page - ATMEL Corporation AVR32AP Datasheet HTML 95Page - ATMEL Corporation AVR32AP Datasheet HTML 96Page - ATMEL Corporation AVR32AP Datasheet HTML 97Page - ATMEL Corporation AVR32AP Datasheet HTML 98Page - ATMEL Corporation AVR32AP Datasheet HTML 99Page - ATMEL Corporation AVR32AP Datasheet HTML 100Page - ATMEL Corporation AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 181 page
background image
98
32001A–AVR32–06/06
AVR32
9.2.7
Sleep Mode
If the CPU is in sleep mode, it will not receive clocks nor respond to an OCD request from the
debugger. Thus, if the Debug Request bit in DC is written to one while the CPU is in sleep mode,
the CPU will automatically return to active mode. The instruction following the sleep instruction
will be tagged with an OCD exception, and the CPU will jump directly to Debug Mode. The nor-
mal debug procedure can be followed while executing in Debug Mode. If Debug Mode is entered
from sleep mode, the Stop Status (STP) bit in the Development Status register will be set.
When returning from Debug Mode, the CPU will by default return to the instruction following the
sleep instruction. The debugger can handle this situation in two ways:
1.
Allow the CPU to wake up from sleep mode on a debug request.
2.
Decrement RAR_DBG in Debug Mode to return to the sleep instruction. This places the
CPU back into sleep mode after exiting Debug Mode.
9.2.8
OCD Register Access
The OCD registers control the OCD system. Their specification is based on the Nexus Recom-
mended Registers as outlined in the Nexus Standard Specification [IEEE-ISTO 5001™-2003].
All registers can be accessed through the JTAG interface.
9.2.9
OCD features in Debug Mode
When the CPU executes in Debug Mode, certain OCD features will be disabled. The following
table indicates how the various OCD features will behave in Debug Mode. For more information
on the specific features, please see the indicated page.
9.2.10
OCD Registers Accessed by CPU
A monitor program running on the target can access the OCD registers through mtdr and mfdr
instructions. These instructions transfer data between a register in the register file and an OCD
register, according to the register index given in “OCD Register Summary” on page 152. These
instructions can also be used in OCD mode to transfer information from the register file and sys-
tem registers to the debugger, through the Debug Communication Mechanism.
Table 9-2.
OCD features in Debug Mode
Feature
Available in Debug Mode?
Program Breakpoints (HW)
Yes, in Monitor Mode when SR:DM is cleared
Software Breakpoints
Yes, in Monitor Mode when SR:DM is cleared
Data Breakpoints
Yes, in Monitor Mode when SR:DM is cleared
Watchpoints (program and data)
Yes, in Monitor Mode
Program Trace
No
Data Trace
No
Ownership Trace
Yes
NanoTrace
No
Direct Memory Access
Yes
Debug Communication Mechanism
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com