Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 140 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 140 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 136Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 137Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 138Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 144Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 332 page
background image
122
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.44
SMIACT# (System Management Interrupt Active)
Pin Attribute
Output
Pin Location
AG-03
Summary
The processor acknowledges the assertion of SMI# with the
assertion of SMIACT# to indicate that the processor has
entered system management mode (SMM). The system logic
can use SMIACT# to enable SMM memory. See “SMI# (System
Management Interrupt)” on page 121 for more details.
See “System Management Mode (SMM)” on page 217 for more
details regarding SMM.
Driven
The processor asserts SMIACT# after the last BRDY# of the last
pending bus cycle is sampled asserted (including all pending
write cycles) and after EWBE# is sampled asserted (if EWBE#
is masked off, then SMIACT# is not affected by EWBE#).
SMIACT# remains asserted until after the last BRDY# of the
last pending bus cycle associated with exiting SMM is sampled
asserted.
SMIACT# remains asserted during any flush, internal snoop, or
writeback cycle due to an inquire cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com